Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA7210 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BGA7210
Description  700 MHz to 3800 MHz high linearity variable gain amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA7210 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BGA7210 Datasheet HTML 9Page - NXP Semiconductors BGA7210 Datasheet HTML 10Page - NXP Semiconductors BGA7210 Datasheet HTML 11Page - NXP Semiconductors BGA7210 Datasheet HTML 12Page - NXP Semiconductors BGA7210 Datasheet HTML 13Page - NXP Semiconductors BGA7210 Datasheet HTML 14Page - NXP Semiconductors BGA7210 Datasheet HTML 15Page - NXP Semiconductors BGA7210 Datasheet HTML 16Page - NXP Semiconductors BGA7210 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
BGA7210
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 4 January 2012
13 of 30
NXP Semiconductors
BGA7210
700 MHz to 3800 MHz high linearity variable gain amplifier
11.2 Characteristics
VSUP = 5 V; maximum current setting.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
VSUP = 5 V; maximum current setting and shunt
capacitor (Csh).
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
Fig 9.
Maximum power gain as a function of
frequency; typical values
Fig 10. Maximum power gain with shunt capacitor as a
function of frequency; typical values
f (GHz)
05
4
23
1
aaa-000667
26
30
34
S21
(dB)
22
(1)
(2)
(3)
f (GHz)
05
4
23
1
aaa-000668
26
30
34
S21
(dB)
22
1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com