Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM773 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 9Page - NXP Semiconductors EM773 Datasheet HTML 10Page - NXP Semiconductors EM773 Datasheet HTML 11Page - NXP Semiconductors EM773 Datasheet HTML 12Page - NXP Semiconductors EM773 Datasheet HTML 13Page - NXP Semiconductors EM773 Datasheet HTML 14Page - NXP Semiconductors EM773 Datasheet HTML 15Page - NXP Semiconductors EM773 Datasheet HTML 16Page - NXP Semiconductors EM773 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
13 of 51
NXP Semiconductors
EM773
Energy metering IC
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C is a multi-master bus and can be
controlled by more than one bus master connected to it.
7.10.1 Features
• The I2C-interface is a standard I2C-bus compliant interface with open-drain pins. The
I2C-bus interface also supports Fast-mode Plus with bit rates up to 1 Mbit/s.
• Easy to configure as master, slave, or master/slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• The I2C-bus can be used for test and diagnostic purposes.
• The I2C-bus controller supports multiple address recognition and a bus monitor mode.
7.11 Metrology engine
The EM773 contains a metrology engine designed to collect voltage and current inputs to
calculate the active power, reactive power, apparent power and power factor of a load.
The purpose of the metrology engine is for non-billing applications such as plug meters,
smart appliances, industrial and consumer sub-meters, etc.
7.11.1 Features
• 1 % accurate for scalable input sources up to 230 V/50 Hz/16 A and
110 V/60 Hz/20 A while maintaining this accuracy with a factor of 1 to 400 down from
this maximum current.
• Automatically calculates active power in W, reactive power in VAr, apparent power in
VA, power factor ratio, Vrms and Irms without ARM CPU intervention.
• Standard API for initializing, starting, stopping and reading data from the metrology
engine using the ARM Cortex M0.
7.12 General purpose external event counter/timers
The EM773 includes two 32-bit counter/timers and one 16-bit counter/timer. The
counter/timer is designed to count cycles of the system derived clock. It can optionally
generate interrupts or perform other actions at specified timer values, based on four
match registers. Each counter/timer also includes one capture input to trap the timer value
when an input signal transitions, optionally generating an interrupt.
7.12.1 Features
• A 32-bit/16-bit timer/counter with a programmable 32-bit/16-bit prescaler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com