Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM773 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # EM773
Description  Energy metering IC; up to 32 kB flash and 8 kB SRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

EM773 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button EM773 Datasheet HTML 17Page - NXP Semiconductors EM773 Datasheet HTML 18Page - NXP Semiconductors EM773 Datasheet HTML 19Page - NXP Semiconductors EM773 Datasheet HTML 20Page - NXP Semiconductors EM773 Datasheet HTML 21Page - NXP Semiconductors EM773 Datasheet HTML 22Page - NXP Semiconductors EM773 Datasheet HTML 23Page - NXP Semiconductors EM773 Datasheet HTML 24Page - NXP Semiconductors EM773 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
EM773
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 3 January 2012
21 of 51
NXP Semiconductors
EM773
Energy metering IC
9.
Static characteristics
Table 4.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage (core
and external rail)
1.8
3.3
3.6
V
Power consumption in low-current mode[10]
IDD
supply current
Active mode; code
while(1){}
executed from flash
system clock = 12 MHz
VDD = 3.3 V
[2][3][4]
[5][6]
-2
-mA
system clock = 50 MHz
VDD = 3.3 V
[2][3][5]
[6][7]
-7
-mA
Sleep mode;
system clock = 12 MHz
VDD = 3.3 V
[2][3][4]
[5][6]
-1
-mA
Deep-sleep mode;
VDD = 3.3 V
[2][3][8] -2
-
A
Deep power-down mode;
VDD = 3.3 V
[2][9] -220
-nA
Standard port pins, RESET
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD; on-chip
pull-down resistor
disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD;
on-chip pull-up/down
resistors disabled
-
0.5
10
nA
VI
input voltage
pin configured to provide
a digital function
[11][12]
[13]
0-
5.0
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-level output
voltage
2.0 V
 V
DD  3.6 V;
IOH = 4 mA
VDD  0.4
-
-
V
1.8 V
 V
DD < 2.0 V;
IOH = 3 mA
VDD  0.4
-
-
V
VOL
LOW-level output
voltage
2.0 V
 V
DD  3.6 V;
IOL =4 mA
--
0.4
V
1.8 V
 V
DD < 2.0 V;
IOL =3 mA
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com