Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4350 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 55Page - NXP Semiconductors LPC4350 Datasheet HTML 56Page - NXP Semiconductors LPC4350 Datasheet HTML 57Page - NXP Semiconductors LPC4350 Datasheet HTML 58Page - NXP Semiconductors LPC4350 Datasheet HTML 59Page - NXP Semiconductors LPC4350 Datasheet HTML 60Page - NXP Semiconductors LPC4350 Datasheet HTML 61Page - NXP Semiconductors LPC4350 Datasheet HTML 62Page - NXP Semiconductors LPC4350 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
59 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
PF_10
A3
-
-
205 -
98
[6]
I; PU -
R — Function reserved.
O
U0_TXD — Transmitter output for USART0.
-
R — Function reserved.
-
R — Function reserved.
I/O
GPIO7[24] — General purpose digital input/output
pin.
-
R — Function reserved.
I
SD_WP — SD/MMC card write protect input.
-
R — Function reserved.
I
ADC0_5 — ADC0, input channel 5.
PF_11
A2
-
-
207 -
100 [6]
I; PU -
R — Function reserved.
I
U0_RXD — Receiver input for USART0.
-
R — Function reserved.
-
R — Function reserved.
I/O
GPIO7[25] — General purpose digital input/output
pin.
-
R — Function reserved.
O
SD_VOLT2 — SD/MMC bus voltage select output 2.
-
R — Function reserved.
I
ADC1_5 — ADC1, input channel 5.
Clock pins
CLK0
N5
x
K3
62
45
31
[5]
O;
PU
O
EMC_CLK0 — SDRAM clock 0.
O
CLKOUT — Clock output pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_CLK — SD/MMC card clock.
O
EMC_CLK01 — SDRAM clock 0 and clock 1
combined.
I/O
SSP1_SCK — Serial clock for SSP1.
I
ENET_TX_CLK (ENET_REF_CLK) — Ethernet
Transmit Clock (MII interface) or Ethernet Reference
Clock (RMII interface).
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com