Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4350 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 65Page - NXP Semiconductors LPC4350 Datasheet HTML 66Page - NXP Semiconductors LPC4350 Datasheet HTML 67Page - NXP Semiconductors LPC4350 Datasheet HTML 68Page - NXP Semiconductors LPC4350 Datasheet HTML 69Page - NXP Semiconductors LPC4350 Datasheet HTML 70Page - NXP Semiconductors LPC4350 Datasheet HTML 71Page - NXP Semiconductors LPC4350 Datasheet HTML 72Page - NXP Semiconductors LPC4350 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
69 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
[1]
The boot loader programs the appropriate pin function at reset to boot using either SSP0 or SPIFI.
[1]
The boot loader programs the appropriate pin function at reset to boot using either SSP0 of SPIFI.
7.13 Memory mapping
The memory map shown in Figure 9 and Figure 10 is global to both the Cortex-M4 and
the Cortex-M0 processors and all SRAM is shared between both processors. Each
processor uses its own ARM private bus memory map for the NVIC and other system
functions.
USB1
0
1
1
1
Boot from USB1.
SPI (SSP)
1
0
0
0
Boot from SPI flash connected to the SSP0
interface on P3_3 (function SSP0_SCK), P3_6
(function SSP0_MISO), P3_7 (function
SSP0_MOSI), and P3_8 (function SSP0_SSEL)[1].
USART3
1
0
0
1
Boot from device connected to USART3 using pins
P2_3 and P2_4.
Table 4.
Boot mode when OTP BOOT_SRC bits are programmed …continued
Boot mode BOOT_SRC
bit 3
BOOT_SRC
bit 2
BOOT_SRC
bit 1
BOOT_SRC
bit 0
Description
Table 5.
Boot mode when OPT BOOT_SRC bits are zero
Boot mode
Pins
Description
P2_9
P2_8
P1_2
P1_1
USART0
LOW
LOW
LOW
LOW
Boot from device connected to USART0 using pins
P2_0 and P2_1.
SPIFI
LOW
LOW
LOW
HIGH
Boot from Quad SPI flash connected to the SPIFI
interface on P3_3 to P3_8[1].
EMC 8-bit
LOW
LOW
HIGH
LOW
Boot from external static memory (such as NOR
flash) using CS0 and an 8-bit data bus.
EMC 16-bit
LOW
LOW
HIGH
HIGH
Boot from external static memory (such as NOR
flash) using CS0 and a 16-bit data bus.
EMC 32-bit
LOW
HIGH
LOW
LOW
Boot from external static memory (such as NOR
flash) using CS0 and a 32-bit data bus.
USB0
LOW
HIGH
LOW
HIGH
Boot from USB0
USB1
LOW
HIGH
HIGH
LOW
Boot from USB1.
SPI (SSP)
LOW
HIGH
HIGH
HIGH
Boot from SPI flash connected to the SSP0
interface on P3_3 (function SSP0_SCK), P3_6
(function SSP0_MISO), P3_7 (function
SSP0_MOSI), and P3_8 (function SSP0_SSEL)[1].
USART3
HIGH
LOW
LOW
LOW
Boot from device connected to USART3 using pins
P2_3 and P2_4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com