Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4310 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 87Page - NXP Semiconductors LPC4310 Datasheet HTML 88Page - NXP Semiconductors LPC4310 Datasheet HTML 89Page - NXP Semiconductors LPC4310 Datasheet HTML 90Page - NXP Semiconductors LPC4310 Datasheet HTML 91Page - NXP Semiconductors LPC4310 Datasheet HTML 92Page - NXP Semiconductors LPC4310 Datasheet HTML 93Page - NXP Semiconductors LPC4310 Datasheet HTML 94Page - NXP Semiconductors LPC4310 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
91 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
10. Static characteristics
Table 8.
Static characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Supply pins
VDD(IO)
input/output supply
voltage
2.2
-
3.6
V
VDD(REG)(3V3)
regulator supply voltage
(3.3 V)
2.2
-
3.6
V
VDDA(3V3)
analog supply voltage
(3.3 V)
on pin VDDA
2.2
-
3.6
V
VBAT
battery supply voltage
2.2
-
3.6
V
VDD(3V3)
supply voltage (3.3 V)
on pin VDD; LQFP100
package only
2.2
-
3.6
V
IDD(REG)(3V3)
regulator supply current
(3.3 V)
Regulator supply active
mode; code
while(1){}
executed from RAM; all
peripherals disabled
CCLK = 12 MHz; PLL1
disabled
[2][3] -
6.5
-
mA
CCLK = 12 MHz; PLL1
enabled
[2][4] -
7.5
-
mA
CCLK = 120 MHz
[2][4] -25
-mA
CCLK = 156 MHz
[2][4] -30
-mA
IDD(REG)(3V3)
regulator supply current
(3.3 V)
Regulator supply low
power mode; after
WFE/WFI instruction
executed from RAM; all
peripherals disabled
sleep mode
[2][3] -5.5
-mA
deep-sleep mode
[2] -75
-
A
power-down mode
[2] -16
-
A
deep power-down mode
[2] -0.02
-
A
IBAT
battery supply current
deep-sleep mode
[2][5] -15
A
power-down mode
[2][5] -15
-
A
deep power-down mode
[2][5] -3
-
A
IDD(IO)
I/O supply current
deep sleep mode
-
1
-
A
power-down mode
-
1
-
A
deep power-down mode
-
0.03
-
A
IDD(ADC)
ADC supply current
deep sleep mode
[7] -0.4
-
A
power-down mode
[7] -0.4
-
A
deep power-down mode
[7] -0.007
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com