Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4310 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 25Page - NXP Semiconductors LPC4310 Datasheet HTML 26Page - NXP Semiconductors LPC4310 Datasheet HTML 27Page - NXP Semiconductors LPC4310 Datasheet HTML 28Page - NXP Semiconductors LPC4310 Datasheet HTML 29Page - NXP Semiconductors LPC4310 Datasheet HTML 30Page - NXP Semiconductors LPC4310 Datasheet HTML 31Page - NXP Semiconductors LPC4310 Datasheet HTML 32Page - NXP Semiconductors LPC4310 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
29 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P6_2
L13
x
J9
111 78
-
[3]
I; PU I/O
GPIO3[1] — General purpose digital input/output pin.
O
EMC_CKEOUT1 — SDRAM clock enable 1.
I/O
U0_DIR — RS-485/EIA-485 output enable/direction
control for USART0.
I/O
I2S0_RX_SDA — I2S Receive data. It is driven by
the transmitter and read by the receiver. Corresponds
to the signal SD in the I2S-bus specification.
-
R — Function reserved.
I
T2_CAP1 — Capture input 1 of timer 2.
-
R — Function reserved.
-
R — Function reserved.
P6_3
P15
x
-
113 79
-
[3]
I; PU I/O
GPIO3[2] — General purpose digital input/output pin.
O
USB0_PPWR — VBUS drive signal (towards external
charge pump or power management unit); indicates
that the VBUS signal must be driven (active HIGH).
Add a pull-down resistor to disable the power switch
at reset. This signal has opposite polarity compared
to the USB_PPWR used on other NXP LPC parts.
I/O
SGPIO4 — General purpose digital input/output pin.
O
EMC_CS1 — LOW active Chip Select 1 signal.
-
R — Function reserved.
I
T2_CAP2 — Capture input 2 of timer 2.
-
R — Function reserved.
-
R — Function reserved.
P6_4
R16
x
F6
114 80
53
[3]
I; PU I/O
GPIO3[3] — General purpose digital input/output pin.
I
CTIN_6 — SCT input 6. Capture input 1 of timer 3.
O
U0_TXD — Transmitter output for USART0.
O
EMC_CAS — LOW active SDRAM Column Address
Strobe.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com