Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R33M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R33M
Description  MINI RF TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R33M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R33M Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
MINI RF TRANSFORMERS
R33M Series
• Good for wideband and RF instrumentation applications
• Smallest wideband transformer: 4mm square, 3.5 mm
high
• 300 V interwinding isolation, 1/4 Watt RF input power
• 250 mA max current rating
• RF Power: 0.25 Watt Max
• DC Current: 30mA Max
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
Industries
ELECTRICAL PARAMETERS @25°C
Part Number
R33M-
Impedance
Ratio
Sec/Pri ±10%
Bandwidth
3dB Typ
MHz
Insertion
Loss
dB Typ
Primary OCL
(µH) Min
4-6
2-1
2
0.5-400
0.50
30.0
3-1
3
0.8-500
0.60
20.0
4-1
4
3-800
0.70
5.0
4-6
4
1.5-600
0.60
15.0
4-12
4
20-1200
0.80
2.0
8-1
8
2-400
0.80
12.0
9-1
9
2-400
0.80
12.0
16-1
16
2-280
0.90
12.0
•
Inductance measured at 10KHz, 0.1VRMS at Primary side ( 6-4 )
•
Insertion Loss is referenced to mid-band loss.
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS (mm)
SCHEMATIC


Similar Part No. - R33M

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
R330 REYCONNS-R330 Datasheet
185Kb / 5P
SAW Resonator
R330D REYCONNS-R330D Datasheet
195Kb / 5P
SAW Resonator
logo
Hamamatsu Corporation
R331 HAMAMATSU-R331 Datasheet
51Kb / 4P
PHOTOMULTIPLIER TUBES
R331-05 HAMAMATSU-R331-05 Datasheet
51Kb / 4P
PHOTOMULTIPLIER TUBES
R331-05 HAMAMATSU-R331-05_15 Datasheet
58Kb / 2P
For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
More results

Similar Description - R33M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78408-A1226-A3 EPCOS-B78408-A1226-A3 Datasheet
112Kb / 2P
RF Transformers
B78408-A1231-A3 EPCOS-B78408-A1231-A3 Datasheet
105Kb / 2P
RF Transformers
B78408-A1166-A3 EPCOS-B78408-A1166-A3 Datasheet
102Kb / 2P
RF Transformers
B78408-B1087-A3 EPCOS-B78408-B1087-A3 Datasheet
106Kb / 2P
RF Transformers
logo
Rhombus Industries Inc.
T-35000 RHOMBUS-IND-T-35000 Datasheet
25Kb / 1P
Mini Audio Transformers
logo
MPS Industries, Inc.
R34M MPSIND-R34M Datasheet
255Kb / 1P
MINI BALUN TRANSFORMERS
logo
Pulse A Technitrol Comp...
C203 PULSE-C203 Datasheet
316Kb / 3P
RF TRANSFORMERS Transformers for Wideband RF Applications
logo
Coilcraft lnc.
WBC1-1LC COILCRAFT-WBC1-1LC_15 Datasheet
407Kb / 5P
Mini Wideband Transformers
WB1010-PCL COILCRAFT-WB1010-PCL_16 Datasheet
213Kb / 2P
Wideband RF Transformers
logo
XFMRS Inc.
XFWB0936-CO XFMRS-XFWB0936-CO Datasheet
51Kb / 1P
RF WIDEBAND TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com