Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R331 Datasheet (PDF) - Hamamatsu Corporation

R331 Datasheet PDF - Hamamatsu Corporation
Part # R331
Download  R331 Download
File Size   51.3 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBES

R331 Datasheet (PDF)

Go To PDF Page Download Datasheet
R331 Datasheet PDF - Hamamatsu Corporation

Part # R331
Download  R331 Click to download

File Size   51.3 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PHOTOMULTIPLIER TUBES

R331 Datasheet (HTML) - Hamamatsu Corporation


R331 Product details

For Liquid Scintillation Counting Bialkali Photocathode, 51mm (2 Inch) Diameter, 12 Stages, Head-On Type

The R331 and the R331-05 are 51mm (2 Inch) diameter series photomultiplier tubes specifically developed for the liquid scintillation counting. They feature low background noise, high tritium efficiency, good linearity and high gain. The R331 uses a synthetic silica input window and the R331-05 uses a low K content borosilicate glass input window, both with a frosted surface and convex-concave shape. They offer minimized glass scintillations and high collection efficiency.

FEATURES
● Tritium efficiency in tritium window................................ 60% Typ.
● Background noise in tritium window...............16cpm Typ. (R331)
                                                                           18cpm Typ. (R331-05)
● Tritium end point (T.E.P.) voltage.................................. 1700V Typ.
● Dark pulse summation at T.E.P. voltage.............. 3 × 104cpm Max.
● Figure of merit (E2/B).......................................................... 200 Typ.




Similar Part No. - R331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R331-05 HAMAMATSU-R331-05_15 Datasheet
58Kb / 2P
For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
PHOTOMULTlPLlER TUBES
More results


Similar Description - R331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
PHOTOMULTIPLIER TUBES
R2154-02 HAMAMATSU-R2154-02_06 Datasheet
42Kb / 2P
PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
PHOTOMULTIPLIER TUBES
R3788 HAMAMATSU-R3788_06 Datasheet
178Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
PHOTOMULTIPLIER TUBES
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com