Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R331 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R331
Description  PHOTOMULTIPLIER TUBES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R331 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R331 Datasheet HTML 1Page - Hamamatsu Corporation R331 Datasheet HTML 2Page - Hamamatsu Corporation R331 Datasheet HTML 3Page - Hamamatsu Corporation R331 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Unit
Supply Voltage
Average Anode Current A
Ambient Temperature
Vdc
Vdc
mA
°C
2500
500
0.2
-80 to +50
Between Anode and Cathode
Between Anode and Last Dynode
PHOTOMULTIPLIER TUBES R331, R331-05
CHARACTERISTICS (at 25
°C)
Table 1: Voltage Distribution Ratio
Parameter
Min.
Unit
Cathode
Sensitivity
Anode
Sensitivity
Gain D
Anode Dark
Count E
Time
Response D
µA/lm
%
mA/W
µA/lm-b
A/lm
A/W
—
cpm
cpm
ns
ns
ns
60
—
—
9.0
30
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Max.
Typ.
90
25
85
10.5
120
1.1
× 105
1.3
× 106
16
18
2.6
48
1.1
Luminous B
Quantum Efficiency
at 390nm
Radiant at 420nm
Blue C
Luminous D
Radiant at 420nm
R331
R331-05
Anode Pulse Rise Time F
Electron Transit Time G
Transit Time Spread H
NOTES
A: Averaged over any interval of 30 seconds maximum and
the whole photocathode is illuminated.
B: The light source is a tungsten filament lamp operated at
a distribution temperature of 2856K. The light input is
0.01 lm and 150 volts are applied between the cathode
and all other electrodes connected together as anode.
C: The value is cathode output current when a blue filter
(Corning CS 5-58 polished to 1/2 stock thickness) is
interposed between the light source and the tube under
the same condition as Note B.
D: Measured with the same light source as Note B and the
light input is 0.1µlm. The anode-to-cathode supply vol-
tage and voltage distribution ratio are shown in Table 1.
E: Background noise after 30 minute storage in darkness.
F: The rise time is the time for the output pulse to rise from
10% to 90% of the peak amplitude when the entire pho-
tocathode is illuminated by a delta function light pulse of
400nm.
G:
The electron transit time is the interval between the
arrival of a delta function light pulse at the input window
of the tube and the time when the output pulse reaches
the peak amplitude. In measurement the entire
photocathode is illuminated.
H: Also called transit time jitter. This is the fluctuation in
electron transit time between individual pulses in the
single photoelectron state, and may be defined as the
FWHM of the frequency distribution of the transit times.
Supply Voltage: 1500Vdc, K: Cathode, Dy: Dynode, P: Anode, G: Grid
* Shield should be connected to Dy5.
Electrodes
Distribution Ratio
K
G
Dy1
4
Dy2
0
Dy3
1
Dy4
1.4
Dy5
1
Dy6
11
1
1
1
1
P
Dy7 Dy8 Dy9 Dy10 Dy11Dy12
111



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com