Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R331 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R331
Description  PHOTOMULTIPLIER TUBES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R331 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R331 Datasheet HTML 1Page - Hamamatsu Corporation R331 Datasheet HTML 2Page - Hamamatsu Corporation R331 Datasheet HTML 3Page - Hamamatsu Corporation R331 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL
FEATURES
Parameter
R331-05
R331
Unit
Spectral Response
Wavelength of Maximum Response
Photo-
cathode
Window
Material
Dynode
Direct
Interelectrode
Capacitances
Base
Weight
Suitable Socket
nm
nm
—
mm dia.
—
—
—
—
pF
pF
—
g
—
300 to 650
420
Bialkali
46
Concave-Convex
Linear focused
12
2
2.5
21-pin glass base
151
E678-21A (Supplied)
160 to 650
Synthetic silica
(Frosted)
Material
Minimum Useful Area
Material
Shape
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other
Electrodes
PHOTOMULTIPLIER TUBES
R331, R331-05
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
For Liquid Scintillation Counting
Bialkali Photocathode, 51mm (2 Inch) Diameter, 12 Stages, Head-On Type
Figure 1: Typical Spectral Response
TPMHB0505EA
The R331 and the R331-05 are 51mm (2 Inch) diameter series pho-
tomultiplier tubes specifically developed for the liquid scintillation count-
ing. They feature low background noise, high tritium efficiency, good
linearity and high gain. The R331 uses a synthetic silica input window
and the R331-05 uses a low K content borosilicate glass input window,
both with a frosted surface and convex-concave shape. They offer min-
imized glass scintillations and high collection efficiency.
Tritium efficiency in tritium window................................ 60% Typ.
Background noise in tritium window...............16cpm Typ. (R331)
18cpm Typ. (R331-05)
Tritium end point (T.E.P.) voltage.................................. 1700V Typ.
Dark pulse summation at T.E.P. voltage.............. 3
× 104cpm Max.
Figure of merit (E2/B).......................................................... 200 Typ.
Low K content
borosilicate
glass (Frosted)
100
10
1
0.1
0.01
200
400
600
800
WAVELENGTH (nm)
CATHODE
RADIANT
SENSITIVITY
R331-05
R331
QUANTUM
EFFICIENCY


Similar Part No. - R331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R331-05 HAMAMATSU-R331-05_15 Datasheet
58Kb / 2P
For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
PHOTOMULTlPLlER TUBES
More results

Similar Description - R331

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
PHOTOMULTIPLIER TUBES
R2154-02 HAMAMATSU-R2154-02_06 Datasheet
42Kb / 2P
PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
PHOTOMULTIPLIER TUBES
R3788 HAMAMATSU-R3788_06 Datasheet
178Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com