Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # UBA2016A
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button UBA2016A Datasheet HTML 15Page - NXP Semiconductors UBA2016A Datasheet HTML 16Page - NXP Semiconductors UBA2016A Datasheet HTML 17Page - NXP Semiconductors UBA2016A Datasheet HTML 18Page - NXP Semiconductors UBA2016A Datasheet HTML 19Page - NXP Semiconductors UBA2016A Datasheet HTML 20Page - NXP Semiconductors UBA2016A Datasheet HTML 21Page - NXP Semiconductors UBA2016A Datasheet HTML 22Page - NXP Semiconductors UBA2016A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
19 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
A programmable end-of-life window is achieved by the internal bias current sink Ibias(EOL).
The effective relative size of the EOL window will decrease in line with the increasing
series resistance connected to pin EOL.
The end-of-life lamp rectifying detection is only active during the Burn state.
7.6.2 End-of-life overvoltage detection
This protection is intended to protect against symmetrical lamp aging. When in Burn state
the voltage on pin VFB exceeds the overvoltage end-of-life threshold voltage Vth(oveol)(VFB)
by more then 50 % of each switching cycle the fault timer will start. Vth(oveol)(VFB) is related
to the regulation voltage on pin IFB Vreg(IFB) that itself is dependent on the voltage on pin
DIM (see Section 7.4.7.1 “Lamp current control and dimming”) according to the formula:
Vth(oveol)(VFB) =a  b  Vreg(IFB)
Parameters a and b can be calculated from the Vth(oveol)(VFB) values given in Table 6.
The end-of-life overvoltage protection is only active during Burn state and (for UBA2015A
and UBA2016A) if the voltage at pin DIM is above the overvoltage end-of-life enable
voltage Ven(oveol)(DIM).
7.6.3 Capacitive mode detection
Under all normal operating conditions the half-bridge switching frequency should be
higher than the load resonance frequency. The load then shows an inductive behavior in
that the load current Iload lags behind the half-bridge voltage VSHHB. If the amplitude and
the phase difference are large enough, the load current will charge any capacitance on pin
SHHB during the non-overlap time tno(LH), and discharge it during the other non-overlap
time tno(HL). As a result the voltage across the switches is almost zero at the moment they
turn on. This is called zero voltage switching; see Figure 14 “Switching”. Zero voltage
switching provides the highest switching efficiency and the least Electromagnetic
Emission (EME).
Capacitive mode switching can occur when, due to any abnormal condition, the switching
frequency is below the load resonance frequency. This can happen when the lamp is
removed. The load current will then keep the backgate diode of the switch that is switched
off conducting during the non-overlap time, and if the other switch is turned on, a sudden
step of the half-bridge voltage to the other supply rail takes place (which causes huge
current spikes). Also cross conduction between the switches can occur during the reverse
recovery of the backgate diode. These effects put huge stress on the power switches,
most of which can only handle capacitive mode switching a few times before they break
down.
To protect against capacitive mode switching the IC monitors pin SHHB during the
non-overlap time tno(LH) between switching off of the low-side switch and switching on of
the high-side switch. If a rise of VSHHB (dVSHHB/dt > Vth(cm)(SHHB)) during tno(LH) is not
detected then the IC will conclude that capacitive mode switching is occurring during the
next full cycle. If capacitive mode is detected longer than the fault activation delay time
tdet(fault) then the IC will enter Stop state.
Capacitive mode detection is active in all oscillating states for all ICs except in the Ignition
state of the UBA2016A if zero voltage switching has been observed. In that case the
UBA2016A switches to hard switching regulation, see Section 7.6.4 “Hard switching
regulation (UBA2016A)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com