Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2016A
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016A Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2016A Datasheet HTML 1Page - NXP Semiconductors UBA2016A Datasheet HTML 2Page - NXP Semiconductors UBA2016A Datasheet HTML 3Page - NXP Semiconductors UBA2016A Datasheet HTML 4Page - NXP Semiconductors UBA2016A Datasheet HTML 5Page - NXP Semiconductors UBA2016A Datasheet HTML 6Page - NXP Semiconductors UBA2016A Datasheet HTML 7Page - NXP Semiconductors UBA2016A Datasheet HTML 8Page - NXP Semiconductors UBA2016A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
2 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
Enable input (UBA2015 and UBA2015A only)
Protection
Hard switching/capacitive mode protection
Half-bridge overcurrent (coil saturation) protection
Lamp overvoltage (lamp removal) protection
Temperature protection
3.
Applications
Intended for fluorescent lamp ballasts with either a dimmable (UBA2016A and
UBA2015A) or a fixed (UBA2015) output and PFC for AC mains voltages of up to
390 V.
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
UBA2016AT/N1
SO20
plastic small package outline package; 20 leads; body width 7.5 mm
SOT163-1
UBA2015T/N1
SO20
plastic small package outline package; 20 leads; body width 7.5 mm
SOT163-1
UBA2015AT/N1
SO20
plastic small package outline package; 20 leads; body width 7.5 mm
SOT163-1
UBA2016AP/N1
DIP20
plastic dual in-line package; 20 leads; (300 mil)
SOT146-1
UBA2015P/N1
DIP20
plastic dual in-line package; 20 leads; (300 mil)
SOT146-1
UBA2015AP/N1
DIP20
plastic dual in-line package; 20 leads; (300 mil)
SOT146-1
Table 2.
Functional selection
Type
PFC
dim
Boost
fixed frequency
preheat
UBA2016A
yes
yes
yes
no
UBA2015
yes
no
no
yes
UBA2015A
yes
yes
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com