Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS35DE Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS35DE
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DE Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS35DE Datasheet HTML 5Page - STMicroelectronics LIS35DE Datasheet HTML 6Page - STMicroelectronics LIS35DE Datasheet HTML 7Page - STMicroelectronics LIS35DE Datasheet HTML 8Page - STMicroelectronics LIS35DE Datasheet HTML 9Page - STMicroelectronics LIS35DE Datasheet HTML 10Page - STMicroelectronics LIS35DE Datasheet HTML 11Page - STMicroelectronics LIS35DE Datasheet HTML 12Page - STMicroelectronics LIS35DE Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
LIS35DE
Mechanical and electrical specifications
Doc ID 15594 Rev 1
9/39
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
T = 25°C unless otherwise noted
Table 3.
Mechanical characteristics @ Vdd=2.5 V(1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
FS
Measurement range
FS bit set to 0(3)
±2.0
±2.3
g
FS bit set to 1
±9.2
Dres
Device resolution
FS bit set to 0
72
mg
So
Sensitivity
FS bit set to 0
15
18
21
mg/digit
FS bit set to 1
61
72
83
TCSO
Sensitivity change vs
temperature
FS bit set to 0
±0.01
%/°C
TyOff
Typical zero-g level offset
accuracy(4)
FS bit set to 0
±60
mg
FS bit set to 1
±80
mg
TCOff
Zero-g level change vs
temperature
Max delta from 25°C
±0.5
mg/°C
BW
System bandwidth(5)
ODR/2
Hz
Top
Operating temperature range
-40
+85
°C
Wh
Product weight
20
mgram
1.
The product is factory calibrated at 2.5 V. The device can be used from 2.16 V to 3.6 V.
2.
Typical specifications are not guaranteed.
3.
Verified by wafer level test and measurement of initial offset and sensitivity.
4.
Typical zero-g level offset value after MSL3 preconditioning.
5.
ODR is output data rate. Refer to
Table 4 for specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com