Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS35DE Datasheet (PDF) - STMicroelectronics

LIS35DE Datasheet PDF - STMicroelectronics
Part # LIS35DE
Download  LIS35DE Download
File Size   656.69 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer

LIS35DE Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS35DE Datasheet PDF - STMicroelectronics

Part # LIS35DE
Download  LIS35DE Click to download

File Size   656.69 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer

LIS35DE Datasheet (HTML) - STMicroelectronics




Similar Part No. - LIS35DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
LIS352ARTR STMICROELECTRONICS-LIS352ARTR Datasheet
251Kb / 15P
MEMS motion sensor: 3-axis 2 g analog-output
02-Feb-2010
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
LIS352AXTR STMICROELECTRONICS-LIS352AXTR Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
More results


Similar Description - LIS35DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
11-Jun-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS302DLH STMICROELECTRONICS-LIS302DLH Datasheet
679Kb / 37P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐏iccolo??accelerometer
04-Jun-2009
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
17-Apr-2009
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com