Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS33DE Datasheet (PDF) - STMicroelectronics

LIS33DE Datasheet PDF - STMicroelectronics
Part # LIS33DE
Download  LIS33DE Download
File Size   538.22 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer

LIS33DE Datasheet (PDF)

Go To PDF Page Download Datasheet
LIS33DE Datasheet PDF - STMicroelectronics

Part # LIS33DE
Download  LIS33DE Click to download

File Size   538.22 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer

LIS33DE Datasheet (HTML) - STMicroelectronics


LIS33DE Product details

Description
The LIS33DE is an ultra compact low-power three axis linear accelerometer belonging to the “nano” family of ST motion sensors. It includes a sensing element and an IC interface able to provide the measured acceleration to the external world through I2C/SPI serial interface.

Features
■ 2.16 V to 3.6 V supply voltage
■ 1.8 V compatible IOs
■ < 1 mW power consumption
■ ± 2g/± 8g dynamically selectable full-scale
■ I2C/SPI digital output interface
■ Programmable interrupt generator
■ Embedded self test
■ 10000g high shock survivability
■ ECOPACK® RoHS and “Green” compliant (see Section 8)

Applications
■ Portrait - landascape image rotation in mobile phones and PDA
■ Motion activated user interfaces
■ Gaming
■ Motion triggered wake-up




Similar Part No. - LIS33DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS331ALTR STMICROELECTRONICS-LIS331ALTR Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
10-Jul-2009
More results


Similar Description - LIS33DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
28-Sep-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
29-Apr-2009
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
logo
Analog Devices
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com