Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4933 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD4933 Datasheet HTML 5Page - STMicroelectronics SD4933 Datasheet HTML 6Page - STMicroelectronics SD4933 Datasheet HTML 7Page - STMicroelectronics SD4933 Datasheet HTML 8Page - STMicroelectronics SD4933 Datasheet HTML 9Page - STMicroelectronics SD4933 Datasheet HTML 10Page - STMicroelectronics SD4933 Datasheet HTML 11Page - STMicroelectronics SD4933 Datasheet HTML 12Page - STMicroelectronics SD4933 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SD4933
Typical performance (30 MHz)
Doc ID 15487 Rev 6
9/19
5
Typical performance (30 MHz)
Figure 8.
Gain and efficiency vs. output
power_Vdd = 50 V, Idq = 250 mA,
freq = 30 MHz
Figure 9.
Output power vs. input power
Figure 10.
Output power vs. supply voltage
Figure 11.
Output power vs. gate voltage
10
20
30
40
50
60
70
80
14
16
18
20
22
24
26
28
0
50
100
150
200
250
300
350
400
450
Output Power (W)
Pgain
Efficiency
AM09248V2
0
50
100
150
200
250
300
350
400
450
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Pin (W)
50 V
40 V
AM09246V1
100
150
200
250
300
350
400
25
30
35
40
45
50
Vdd (V)
Pin = 2.8W
Pin = 1.4W
AM09247V1
0
100
200
300
400
500
-3
-2
-1
0
1
2
3
4
Vgs (V)
Pin = 2.8W
AM09248V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com