Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4933 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Datasheet(HTML) 4 Page - STMicroelectronics

  SD4933 Datasheet HTML 1Page - STMicroelectronics SD4933 Datasheet HTML 2Page - STMicroelectronics SD4933 Datasheet HTML 3Page - STMicroelectronics SD4933 Datasheet HTML 4Page - STMicroelectronics SD4933 Datasheet HTML 5Page - STMicroelectronics SD4933 Datasheet HTML 6Page - STMicroelectronics SD4933 Datasheet HTML 7Page - STMicroelectronics SD4933 Datasheet HTML 8Page - STMicroelectronics SD4933 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
SD4933
4/19
Doc ID 15487 Rev 6
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
Table 4.
Static
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0 V
IDS = 100 mA
200
240
V
IDSS
VGS = 0 V
VDS = 100 V
2
mA
IGSS
VGS = 20 V
VDS = 0 V
500
nA
VTH
ID = 250 mA
1.5
2.5
4.0
V
VDS(ON)
VGS = 10 V
ID = 20 A
3.5
4.0
V
GFS
VDS = 10 V
ID = 5 A
5
8
S
CISS
VGS = 0 V
VDS = 50 V
f = 1 MHz
1000
pF
COSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
400
pF
CRSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
16
pF
Table 5.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
VDD = 50 V IDQ = 250 mA
f = 30 MHz
300
-
W
GPS
VDD = 50 V IDQ = 250 mA POUT = 300 W f = 30 MHz
20
24
-
dB
hD
VDD = 50 V IDQ = 250 mA POUT = 300 W f = 30 MHz
50
58
-
%
Load
mismatch
VDD = 50 V IDQ = 250 mA POUT = 300 W f = 30 MHz
All phase angles
10:1
20:1
-
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com