Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM300 Datasheet(PDF) 1 Page - Emerson Network Power

Part # IPM300
Description  Dual 48 V ATCA Input Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IPM300 Datasheet(HTML) 1 Page - Emerson Network Power

  IPM300 Datasheet HTML 1Page - Emerson Network Power IPM300 Datasheet HTML 2Page - Emerson Network Power IPM300 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
IPM300
Dual 48 V ATCA Input
Power Module
Special Features
• Optimized footprint for high
density ATCA applications
• Accepts inputs from -48 V and B
Feeds
• Hot Swap and ORing functionality
• 3.3 Vdc and 5.0 Vdc Isolated
Management Power
• Adjustable Hold Up Voltage from
50 to 95 Vdc
• I2C serial bus interface for
monitoring and reporting
• Programmable alarm
thresholds via I2C bus
• Hardware alarms via opto-
isolators for loss of A or B Feeds
• Comprehensive protection
circuitry - current, voltage and
temperature, inrush current,
reverse polarity
• EU directive 2002/95/EC
compliant for RoHS
Safety
Input
Input Range:
-36 V to -75 Vdc
Transient:
-100 Vdc (< 1 ms)
Inrush Current (without EARLY pin): 14 A typ
Recommended EARLY_A/B resistor: 100ohm, surge rated 2010 case size
Inrush Duration:
< 2 ms
Undervoltage Lockout:
-36 < Vin
Overvoltage Lockout:
-78 ≤ Vin < 85 Vdc
Efficiency:
98% @ 300 W
Output
5.0 V Management Bus
3.3 V Management Bus
Nominal Setpoint:
5.0 V
3.35 V
Total Regulation Band1:
4.8 - 5.2 V
3.17 - 3.43 V
Output Current:
0 - 0.15 A
0 - 3.6 A
Current Limit:
130% Io, max (typ)
130% Io, max (typ)
Short Circuit:
Shutdown/Autorecovery
Ripple and Noise2:
60 mVp-p
65 mVp-p
Overvoltage:
Vo > 13.4 Vdc
Vo > 5.0 Vdc (typ)
External Output Capacitance:
TBD
1000 uF max
Isolation Characteristics
Input to Output Isolation Voltage:
2250 Vdc
Input to Output Insulation:
Basic
• UL/cUL
60950-1 (E186249)
• TUV
EN60950-1
(B100551485779)
Rev. 02.25.11_111
IPM300 Series
1 of 3
Electrical Specifications
Total Power:
300 Watts
Input Voltage: -48 Vdc
Output:
3.3 V Management Bus
5.0 V Management Bus
Operating temperature range:
-40 °C to +85 °C ambient
Storage temperature:
-55 °C to +125 °C
MTBF:
> 1 MHrs @ 25 °C 100% Load
Environmental Specifications


Similar Part No. - IPM300

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM DELTA-IPM Datasheet
746Kb / 15P
Output short circuit protection
logo
List of Unclassifed Man...
IPM-057 ETC2-IPM-057 Datasheet
300Kb / 1P
6mm Aluminum front bezel with strengthen glass
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
Rugged construction and slim modularized design
logo
JDS Uniphase Corporatio...
IPM-1112 JDSU-IPM-1112 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
More results

Similar Description - IPM300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2358_0806 TI-TPS2358_0806 Datasheet
932Kb / 34P
TPS2358 Dual-Slot ATCA AdvancedMC??Controller
logo
SynQor Worldwide Headqu...
IQ65033QMA10 SYNQOR-IQ65033QMA10 Datasheet
1Mb / 15P
Quarter-Brick ATCA Power Interface Module
logo
Lineage Power Corporati...
PIM300FZ LINEAGEPOWER-PIM300FZ Datasheet
635Kb / 20P
ATCA Board Power Input Modules
logo
List of Unclassifed Man...
ATCA-H8314 ETC2-ATCA-H8314 Datasheet
871Kb / 2P
Dual -48 V DC power entry modules
logo
Tyco Electronics
3-1469372-7 MACOM-3-1469372-7 Datasheet
123Kb / 2P
ATCA GUIE MODULE (REAR TRANSITION MODULE-A2)
logo
Schneider Electric
140DAI45300 SCHNEIDER-140DAI45300 Datasheet
126Kb / 5P
discrete input module Modicon Quantum - 32 I - 48 V AC
Apr 12, 2022
BMXDAI1603 SCHNEIDER-BMXDAI1603 Datasheet
180Kb / 5P
discrete input module X80 - 16 inputs - 48 V AC
Apr 18, 2022
BMXDDI1603 SCHNEIDER-BMXDDI1603 Datasheet
184Kb / 5P
discrete input module X80 - 16 inputs - 48 V DC positive
Apr 18, 2022
BMXDDI3203 SCHNEIDER-BMXDDI3203 Datasheet
184Kb / 5P
Discrete input module X80 - 32 inputs - 48 V DC positive
Apr 18, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com