Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM300 Datasheet(PDF) 2 Page - Emerson Network Power

Part # IPM300
Description  Dual 48 V ATCA Input Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IPM300 Datasheet(HTML) 2 Page - Emerson Network Power

  IPM300 Datasheet HTML 1Page - Emerson Network Power IPM300 Datasheet HTML 2Page - Emerson Network Power IPM300 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 02.25.11_111
IPM300 Series
2 of 3
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Pin Assignments
Pin Number/Pin Name Function
Note
1. -48V A Feed
Power input from A’ bus
Connects to ATCAZone 1 connector pin 33 via external 12 A fuse
2. -48V B Feed
Power input from B’ bus
Connects to ATCAZone 1 connector pin 34 via external 12 A fuse
3. 48V Return A Feed
Power return from A’ bus
Connects to ATCAZone 1 connector pin 28 via external 12 A fuse
4. 48V Return B Feed
Power return from B’ bus
Connects to ATCAZone 1 connector pin 29 via external 12 A fuse
5. Enable A Feed
When connected to RTN A, turns ON isolated open col-
lector A enabled’ device (See Note 3)
Connects to ATCAZone 1 connector pin 32 via external 1 A fuse. Used
to signal to management suystem correct board insertion and
presence of A’ bus
6. Enable B Feed
When connected to RTN B, turns ON isolated open col-
lector B enabled’ device (See Note 3)
Connects to ATCAZone 1 connector pin 27 via external 1 A fuse. Used
to signal to management suystem correct board insertion and
presence of B’ bus
7. SHELF_GND
Shelf/Chassis/Safety Ground
8. +5.0V Management
Power
+5.0V Management Power - Blue Service LED
9. +3.3V Management
Power
3.3V Isolated Management Power Output
10. Address
I2C Address
I2C lines, address strapping
11. Data
I2C Data
I2C lines, serial data
12. Clock
I2C Clock
I2C lines, clock line input
13. LOGIC_GND
Logic/Secondary/Isolated Ground
14. ALARM
Opto-Isolated -48V A/B Feed Loss or Open Fuse Alarm
with respect to LOGIC_GND
15. -48V_OUT
OR’d and Inrush Protected -48VDC Output
The -48VDC Output connects directly to the Input of an External
DC-DC Converter
16. Holdup Trim
Adjustable 50 to 95 V Hold Up Trim
17. VRTN_OUT
OR’d and Inrush Protected -VRTN Output
The VRTN_Out connects directly to the Input of an External DC-DC
Converter
18. Holdup Capacitor
Holdup/Bulk Capacitor output voltage
Notes:
1. Regulation band over line, load and temperature.
2. Measured at 20 MHz with external 22 mF Tantalum in parallel with 1 mF ceramic, 25 V rated low ESR type capacitors across each output.
3. Both Enables (A/B) have to be connected to their respective RTNS to enable the Internal power management I2C.
4. All specifications are typical at nominal line, TA = 25 °C unless otherwise indicated.
5. All specifications are subject to change without notice.
6. Technical Reference Notes and Application Notes should be consulted for complete product details
7. Warranty 2 years.
Part Number System with Options
Ordering Information
Model Number
Input
Output
Output Current
Typical
Note
IPM300
-36 to -75 Vdc
3.3 V
5.0 V
3.6 A
0.150 A
98% @ -48 V / 300 W
With I2C Interface



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com