Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 1 Page - Vishay Siliconix

  T97 Datasheet HTML 1Page - Vishay Siliconix T97 Datasheet HTML 2Page - Vishay Siliconix T97 Datasheet HTML 3Page - Vishay Siliconix T97 Datasheet HTML 4Page - Vishay Siliconix T97 Datasheet HTML 5Page - Vishay Siliconix T97 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T97
www.vishay.com
Vishay Sprague
Revision: 05-Dec-11
1
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
FEATURES
• High reliability; Weibull failure rate grading
available
• Surge current testing per MIL-PRF-55365
options available
•Ultra-low ESR
• Tin/lead (SnPb) termination available
• Mounting: Surface mount
• Compliant to RoHS Directive 2002/95/EC
Note
* Pb containing terminations are not RoHS compliant, exemptions
may apply
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40088
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Capacitance Range: 10 μF to 1500 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 75 VDC
Notes
(1) Available on select ratings. See “Standard Ratings” table.
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage
substitutions will be marked with the higher voltage rating.
Note
• The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
ORDERING INFORMATION
T97
R
227
K
020
E
S
A
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
TERMINATION/
PACKAGING
(available options are
series dependent)
RELIABILITY
LEVEL
SURGE
CURRENT
See
Ratings
and
Case
Code
table
This is expressed in
pF. The first two
digits are the
significant figures.
The third is the
number of zeros to
follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts. To complete the
three-digit block,
zeros precede the
voltage rating. A
decimal point is
indicated by an “R”
(6R3 = 6.3 V).
E = Sn/Pb solder/
7" (178 mm) reel
L = Sn/Pb solder/
7" (178 mm), 1/2 reel
C = 100 % tin/
7" (178 mm), reel
H = 100 % tin/
7" (178 mm), 1/2 reel
A = 1.0 %
Weibull
B = 0.1 %
Weibull (1)
S = 40 h
burn-in
Z = Non-
established
reliability
A = 10 cycles
at + 25 °C
B = 10 cycles
at - 55 °C/
+ 85 °C
S = 3 cycles
at 25 °C
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
V
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.079
[2.0 max.]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252
[6.4]
0.004
[0.1]
D
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.138
[3.5 max.]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252
[6.4]
0.004
[0.1]
E
0.299
[7.6]
0.173 ± 0.016
[4.4 ± 0.4]
0.157 ± 0.016
[4.0 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252
[6.4]
0.004
[0.1]
R
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.142 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.244
[6.2]
0.004
[0.1]
F
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.185 ± 0.016
[4.7 ± 0.4]
0.055 ± 0.016
[1.4 ± 0.4]
0.181 ± 0.024
[4.6 ± 0.6]
0.244
[6.2]
0.004
[0.1]
Z
0.299
[7.6]
0.238 ± 0.016
[6.0 ± 0.4]
0.236 ± 0.016
[6.0 ± 0.4]
0.055 ± 0.016
[1.4 ± 0.4]
0.181 ± 0.024
[4.6 ± 0.6]
0.244
[6.2]
0.004
[0.1]
M
0.315
[8]
0.260 + 0.016/- 0.024
[6.6 + 0.4/- 0.6]
0.142 ± 0.016
[3.6 ± 0.4]
0.051 ± 0.012
[1.3 ± 0.3]
0.197 ± 0.024
[5.0 ± 0.6]
0.260
[6.6]
0.004
[0.1]
H
0.315
[8]
0.260 + 0.016/- 0.024
[6.6 + 0.4/- 0.6]
0.205 ± 0.016
[5.2 ± 0.4]
0.055 ± 0.016
[1.4 ± 0.4]
0.197 ± 0.024
[5.0 ± 0.6]
0.260
[6.6]
0.004
[0.1]
N
0.315
[8.0]
0.259 + 0.016/- 0.024
[6.6 + 0.4/- 0.6]
0.252 ± 0.016
[6.4 ± 0.4]
0.056 ± 0.017
[1.4 ± 0.4]
0.196 ± 0.025
[5.0 ± 0.6]
0.259
[6.6]
0.004
[0.1]
J
H
B
A
D
L
Tantalum wire
nib identifies
anode (+) terminal
W


Similar Part No. - T97

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97 Datasheet
95Kb / 4P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
05-Aug-08
T97 VISHAY-T97 Datasheet
306Kb / 21P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-17
T97 VISHAY-T97 Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
logo
Advanced Crystal Techno...
T97-72000WBINEXXHC ACT-T97-72000WBINEXXHC Datasheet
312Kb / 2P
TCXO
29/08/2013
T97-72000WBINEXXHL ACT-T97-72000WBINEXXHL Datasheet
312Kb / 2P
TCXO
29/08/2013
More results

Similar Description - T97

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
23-Jan-08
T96 VISHAY-T96 Datasheet
93Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T97 VISHAY-T97 Datasheet
95Kb / 4P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
05-Aug-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
25-Jun-08
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-10
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
25-Jun-13
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
10-Aug-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
22-Jun-17
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
22-Jun-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com