Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T97 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 3 Page - Vishay Siliconix

  T97 Datasheet HTML 1Page - Vishay Siliconix T97 Datasheet HTML 2Page - Vishay Siliconix T97 Datasheet HTML 3Page - Vishay Siliconix T97 Datasheet HTML 4Page - Vishay Siliconix T97 Datasheet HTML 5Page - Vishay Siliconix T97 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T97
www.vishay.com
Vishay Sprague
Revision: 05-Dec-11
3
Document Number: 40092
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT + 85 °C; 17 VDC AT + 125 °C
150
F
T97F157(1)025(2)(4)(5)
38
8
80
1.8
A, B, S, Z
220
M
T97M227(1)025(2)(3)(5)
55
8
100
1.6
A, S, Z
35 VDC AT + 85 °C; 23 VDC AT + 125 °C
47
R
T97R476(1)035(2)(4)(5)
17
6
100
1.6
A, B, S, Z
68
F
T97F686(1)035(2)(3)(5)
24
6
100
1.6
A, S, Z
100
F
T97F107M035(2)(3)(5)
35
8
100
1.6
A, S, Z
50 VDC AT + 85 °C; 33 VDC AT + 125 °C
15
E
T97E156(1)050(2)(4)(5)
8
6
300
0.9
A, B, S, Z
15
R
T97R156(1)050(2)(4)(5)
8
6
250
1
A, B, S, Z
22
R
T97R226(1)050(2)(4)(5)
11
6
220
1.1
A, B, S, Z
33
F
T97F336(1)050(2)(3)(5)
17
6
150
1.3
A, S, Z
47
Z
T97Z476(1)050(2)(6)(5)
24
6
240
1.1
S, Z
47
N
T97N476(1)050(2)(4)(5)
24
6
150
1.4
A, B, S, Z
63 VDC AT + 85 °C; 42 VDC AT + 125 °C
10
D
T97D106(1)063(2)(3)(5)
10
6
400
0.6
A, S, Z
15
R
T97R156(1)063(2)(6)(5)
10
6
400
0.8
S, Z
22
F
T97F226(1)063(2)(3)(5)
14
6
250
1.0
A, S, Z
75 VDC AT + 85 °C; 50 VDC AT + 125 °C
10
R (1)
T97R106(1)075(2)(6)(5)
8
6
500
0.7
S, Z
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperatures below + 85 °C)
STANDARD CONDITIONS. FOR EXAMPLE: OUTPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.6
10
6.0
16
10
20
12
25
15
35
24
50
28
63
37.8
75
45
SEVERE CONDITIONS. FOR EXAMPLE: INPUT FILTERS
Capacitor Voltage Rating
Operating Voltage
4.0
2.5
6.3
3.3
10
5.0
16
8.0
20
10
25
12
35
15
50
24
63
32
75
37
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
)
MAX.
RIPPLE
100 kHz
IRMS (A)
AVAILABLE
RELIABILITY
LEVELS
Notes
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Reliability level: A, B, S, Z
(5) Surge current: A, B, S
(6) Reliability level: S, Z
(1) Contact factory for availability



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com