Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC120 Datasheet(PDF) 21 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 21 Page - Espros Photonics corp

Back Button EPC120 Datasheet HTML 17Page - Espros Photonics corp EPC120 Datasheet HTML 18Page - Espros Photonics corp EPC120 Datasheet HTML 19Page - Espros Photonics corp EPC120 Datasheet HTML 20Page - Espros Photonics corp EPC120 Datasheet HTML 21Page - Espros Photonics corp EPC120 Datasheet HTML 22Page - Espros Photonics corp EPC120 Datasheet HTML 23Page - Espros Photonics corp EPC120 Datasheet HTML 24Page - Espros Photonics corp EPC120 Datasheet HTML 25Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
epc120
Command READ
The RAM and ROM can be read by the command READ. The command is extended by the register address.
Figure 20: Timing Result Data
The bit N indicates whether a new result has been received (broadcast mode). D0...D4 contains the address, D11...D20 contains the returned
data.
Data Bits
Function
N
Indicates, if new data is available
N
Values
0
no new data available
1
new data available
D0 … D4
5 bit register address
D5 … D20
16 bit returned data (one complete register)
Table 10: Result of a READ command
Command WRITE
Data can be written into the RAM by using the command WRITE. The command is extended by the register address and the data. It is only
possible to write to registers if the corresponding register in the ROM has not been written yet. It is not possible to write directly to a ROM
register. If the data has to be stored into the ROM register, a subsequent command PROG has to be used.
Command PROG
The command PROG transfers the data from the RAM register to the corresponding ROM register. See chapter Address Programming for a
detailed description.
Returned Results
The results at pin SO depends on one of the previous commands and can be fetched by any command or just by toggling SCK while CS is
low (=NOP).
• The data is represented with the LSB first.
• After an SPI communication the data register is cleared.
• By holding the CS line to 0 it is possible to trigger on a positive edge of SO.
• If more clock toggles SCK are issued than data can be fetched, zeros are transmitted.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
21
Datasheet epc12x - V2.1
www.espros.ch
<Timming SPI read command 1>
<LST>
10.09.2010
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
CS
SCK
SI
N
D
0
D
1
D
2
D
3
D
4
D
5
D
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com