Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC120 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC120
Description  Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC120 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC120 Datasheet HTML 9Page - Espros Photonics corp EPC120 Datasheet HTML 10Page - Espros Photonics corp EPC120 Datasheet HTML 11Page - Espros Photonics corp EPC120 Datasheet HTML 12Page - Espros Photonics corp EPC120 Datasheet HTML 13Page - Espros Photonics corp EPC120 Datasheet HTML 14Page - Espros Photonics corp EPC120 Datasheet HTML 15Page - Espros Photonics corp EPC120 Datasheet HTML 16Page - Espros Photonics corp EPC120 Datasheet HTML 17Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
epc120
Parameter
Name
Register No.
Bit No.
Function
RAM
ROM
SOFF
0
16
11
Status of voltage regulator for internal VDD
11
Values
Default Setting
Recommended Setting
0
On
X
when used a receiver
1
Off
when used as interface chip with 3.3V micro controller
MODE
0
16
14..12
Mode for epc120 usage
14
13
12
Value
1
1
0
6
VMODE
0
16
15
Volatile mode
15
Values
Default Setting
Recommended Setting
0
On
X
This setting allows to overwrite the RAM contents, which is useful during
debugging. Once the system is fully developed, this parameter should be set to
“1”. This setting could also be useful, if the system parameters should be
changed “on the fly” in dynamic systems. it is recommended to program the
address and burn it into the ROM first. All other parameters can then be
downloaded upon power-up.
1
Off
Set to “1” in the final product to avoid accidentally overwriting of the contents of
the RAM registers
Table 3: epc120 Registers 0 and 16
6. Parameter Setting Registers 1/17
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
1
17
0
This bit will automatically be set when register 17 is programmed.
0
Values
0
Register 17 is not programmed
1
Register 17 is programmed
n/a
1
17
12..1
no function, must be set to “0”
TPER
1
17
15..13
must be set to “010”
15
14
13
0
1
0
Table 4: epc120 Registers 1 and 17
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
13
Datasheet epc12x - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com