Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC131 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC131
Description  Photo-receiver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC131 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC131 Datasheet HTML 1Page - Espros Photonics corp EPC131 Datasheet HTML 2Page - Espros Photonics corp EPC131 Datasheet HTML 3Page - Espros Photonics corp EPC131 Datasheet HTML 4Page - Espros Photonics corp EPC131 Datasheet HTML 5Page - Espros Photonics corp EPC131 Datasheet HTML 6Page - Espros Photonics corp EPC131 Datasheet HTML 7Page - Espros Photonics corp EPC131 Datasheet HTML 8Page - Espros Photonics corp EPC131 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
epc130/epc131
Absolute Maximum Ratings (Notes 1, 2)
Recommended Operating Conditions
Power Supply Voltage VDD
Voltage to Any Pin
Maximum Power Dissipation
Storage Temperature Range (TS)
Lead Temperature solder, 4 sec. (TL)
-5.5V to +5.5V
-0.3 to VDD +0.3V
300mW
-40°C to +85°C
+260°C
Power Supply Voltage (VDD)
Operating Temperature (TA)
Humidity (non-condensing)
Min.
4.0
-40°
+5
Max.
5.2
+85°
+95
Units
V
C
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions indic -
ate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifica -
tions and test conditions, see Electrical Characteristics.
Note 2: This device is a highly sensitive CMOS ac current amplifier with an ESD rating of JEDEC HBM class 0 (<250V). Handling and as -
sembly of this device should only be done at ESD protected workstations.
Electrical Characteristics
VDD = 5.0 V, -40°C < TA < +85°C, output load 20 kOhm/20 pF, except as specified
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
IDD
Power Supply Current
epc130 R1=27k, no photo current
0.8
1.2
mA
epc131 R1=4k7, no photo current
1.1
1.5
VPK
Sensitivity
epc130 IPD = 80 nA
320
mV
epc131 IPD = 800 nA
320
mV
VPD
Reversed Photodiode
Voltage
relative to VDD
VDD-
1.55
V
VOF
Output Offset Voltage
1.4
1.55
1.7
V
VOUT
Output Voltage Limits
0.3
VDD-1.0
V
FOUT
Output Noise Voltage (RMS) epc130 IPD = 100 μA
35
40
mV
IPD = 3.0 mA
80
100
epc131 IPD = 100 μA
40
50
IPD = 3.0 mA
90
100
IPDDC
DC Light Current Range
Refer to section Application Information, Ambient Light
0.0
3.0
mA
CPD
Photodiode Capacitance
epc130 Refer to section Application Information, Photodiode
Capacitance
15
50
pF
epc131
30
40
IOUT
Output Current
Push-pull driving capability
-100
+100
μA
VPOR
Power-up Threshold Voltage
The voltage at VDD when the device starts up and the
startup time is running.
3.0
3.5
4.0
V
VIPOR
Hysteresis
On power-up threshold voltage
0.5
0.75
1.0
V
tINIT
Power-up Startup Time
VDD slew rate >100V/ms
1.5
ms
tREC
Recovery Time
epc130 After the reception of a valid pulse current at pin PD
until the output is stable at its operation voltage. R efer
also to Other Parameters section.
400
μs
epc131
50
tPD
Input Pulse Width at Pin PD
epc130 Current pulse width at pin PD necessary to generate
an output signal at pin OUT. The input sensitivity is de -
pendent on the input current pulse width (refer to the
section Applications).
6
μs
epc131
0.75
μs
trf
Input pulse slew rate
epc130 Recommended rise and fall time of the current pulse at
pin PD
500
ns
epc131
50
ns
RPD
Photodiode bias resistor
epc130 refer to section 'Application Information, Photodiode
Resistor'
27
kΩ
epc131
4.7
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc13x analog - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com