Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC131 Datasheet(PDF) 5 Page - Espros Photonics corp

Part # EPC131
Description  Photo-receiver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC131 Datasheet(HTML) 5 Page - Espros Photonics corp

  EPC131 Datasheet HTML 1Page - Espros Photonics corp EPC131 Datasheet HTML 2Page - Espros Photonics corp EPC131 Datasheet HTML 3Page - Espros Photonics corp EPC131 Datasheet HTML 4Page - Espros Photonics corp EPC131 Datasheet HTML 5Page - Espros Photonics corp EPC131 Datasheet HTML 6Page - Espros Photonics corp EPC131 Datasheet HTML 7Page - Espros Photonics corp EPC131 Datasheet HTML 8Page - Espros Photonics corp EPC131 Datasheet HTML 9Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
epc130/epc131
Functional Description
Power-up Sequence
If VDD reaches VPOR, the startup sequence is initiated. After the time tDEL, the photo diode bias circuit is enabled. Thus, a current generated by
light on the photo diode flows into the pin PD. After the time tINIT, the device is ready to receive AC light pulses.
Power-up sequence
Power-down Sequence
When VDD goes down, the device is turned off when V DD is below VPOR minus VIPOR.
Power-down sequence
Light Pulse Reception
A light pulse on the photo diode generates a current puls into the pin PD of the device. This current pulse is transformed to a voltage pulse
and amplified. The signal form is dependent on the input pulse width, its slew rate and its strength. The value of the undershoot is als heavily
dependent on the input signal. If the input signal is too strong, the output signal becomes saturated close to V DD, or VSS respectively.
After a waiting time given by tREC, the next light pulse can be sent. If the waiting time is too short, the output signal of the next pulse is biased.
Light pulse reception
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
5
Datasheet epc13x analog - V2.1
www.espros.ch
V
DD
V
POR
t
INIT
Startup
Period
Ready
Out
undefined output signal
V
DD
V
POR -
V
IPOR
t
OFF
PD bias
IR LED Pulse
T
IR LED
T
PD
PD Signal
Out Signal
V
OF
t
REC
V
PK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com