Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D75AS Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # D75AS
Description  5x7mm Precision TCXO In Stock at Digi-Key
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

D75AS Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  D75AS Datasheet HTML 1Page - Connor-Winfield Corporation D75AS Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2011 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
5x7mm
Precision TCXO
In Stock at Digi-Key
Description:
The Connor-Winfield’s D75AS is a 5x7mm
Surface Mount Temperature Compensated
Crystal Controlled Oscillator (TCXO)
with a Tri-State Clipped Sinewave output.
Through the use of Analog Temperature
Compensation, the D75AS is capable
of holding sub 1-ppm stabilities over the
0 to 70°C temperature range.
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Notes
Nominal Frequency (Fo)
-
20.0
-
MHz
Frequency Calibration @ 25 °C
-1.0
-
1.0
ppm
1
Frequency Stability vs. Temperature
-0.25
-
0.25
ppm
2
Frequency vs. Load Stability
-0.25
-
0.25
ppm
±5%
Frequency vs. Voltage Stability
-0.25
-
0.25
ppm
±5%
Static Temperature Hysteresis
-
-
0.4
ppm
3
Freq, shift after reflow soldering
-1.0
-
1.0
ppm
4
Aging (1st Year)
-1.0
-
1.0
ppm
Total Frequency Tolerance
-4.6
-
4.6
ppm
5
Operating Temperature Range:
0
-
70
°C
Supply Voltage (Vcc)
3.135
3.3
3.465
Vdc
±5%
Supply Current (Icc)
-
-
6
mA
Period Jitter
-
3
5
ps rms
Integrated Phase Jitter
-
0.5
1.0
ps rms
6
SSB Phase Noise at 10Hz offset
-
-80
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-110
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-135
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-150
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-150
-
dBc/Hz
Start-up Time
-
-
5
ms
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
85
°C
Supply Voltage (Vcc)
-0.5
-
6.0
Vdc
Input Voltage
-0.5
-
Vcc+0.5
Vdc
Features:
Model: D75AS
3.3 Vdc Operation
Clipped Sinewave Output
Frequency Stability: ± 0.25 ppm
Temperature Range: 0 to 70°C
Low Jitter <1ps RMS
Tri-State Enable/Disable Function
5x7mm Surface Mount Package
Tape and Reel Packaging
RoHS Compliant / Pb Free
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Package Characteristics
Package
Hermetically sealed crystal mounted on a ceramic package
Notes:
1. Initial calibration @ 25°C. Specifications at time of shipment after 48 hours of operation.
2. Frequency stability vs. change in temperature. [±(Fmax - Fmin)/2.Fo].
3. Frequency change after reciprocal temperature ramped over the operating range. Frequency measured before and after at 25°C
4. Within two hours after reflow
5. Inclusive of calibration @ 25C, frequency vs. change in temperature, change in supply voltage (±5%), load change (±5%), reflow soldering process and 20 years aging,
referenced to Fo.
6. BW = 12 KHz to 20 MHz.
7. Leave Pad 8 unconnected if enable / disable function is not required. When tri-stated, the output stage is disabled but the oscillator and compensation circuit are still
active (current consumption < 1 mA).
8. Output is AC coupled.
9. For best performance it is recommended that the circuit connected to this output should have an equivalent input capacitance of 10pF.
Environmental Characteristics
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering Process;
RoHS compliant lead free. See soldering profile on page 2.
Ordering Information
D57AS-025.0M*
* For the tape and reel option, add -T to the end of the part number. Example: D75AS-25.0M-T
Enable / Disable Input Characteristics (Pad 8)
Parameter
Minimum
Nominal
Maximum
Units
Notes
Enable Voltage (High)
70%Vcc
-
Vdc
7
Disable Voltage (Low)
-
-
30%Vcc
Vdc
7
D75AS
1144
20.
0
MHZ
Bulletin
Tx243
Page
1 of 2
Revision
02
Date
03 Nov 2011
Clipped Sinewave Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Voltage
1.0
-
-
V pk to pk
8
Load Resistance
-
10K
-
Ohm
Load
-
10
-
pF
9


Similar Part No. - D75AS

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
D75AS CONNOR-WINFIELD-D75AS Datasheet
126Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75AS-020.0M CONNOR-WINFIELD-D75AS-020.0M Datasheet
119Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75AS-020.0MHZ CONNOR-WINFIELD-D75AS-020.0MHZ Datasheet
126Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75AS CONNOR-WINFIELD-D75AS_09 Datasheet
126Kb / 2P
5x7mm Surface Mount High Precision TCXO
More results

Similar Description - D75AS

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
D75AS-020.0M CONNOR-WINFIELD-D75AS-020.0M Datasheet
119Kb / 2P
5x7mm Surface Mount High Precision TCXO
D75A CONNOR-WINFIELD-D75A_11 Datasheet
445Kb / 2P
5x7mm Precision TCXO In Stock at Digi-Key
D75F CONNOR-WINFIELD-D75F_11 Datasheet
442Kb / 2P
5x7mm Precision TCXO In Stock at Digi-Key
D75J CONNOR-WINFIELD-D75J_11 Datasheet
444Kb / 2P
5x7mm Precision TCXO In Stock at Digi-Key
D75A-020M CONNOR-WINFIELD-D75A-020M Datasheet
444Kb / 3P
5x7mm Precision TCXO Model D75A
D75J-050M CONNOR-WINFIELD-D75J-050M Datasheet
470Kb / 2P
5x7mm Precision TCXO Model D75J
DV75C-020M CONNOR-WINFIELD-DV75C-020M Datasheet
508Kb / 4P
5x7mm Precision TCXO Model DV75C
DV75C-040M CONNOR-WINFIELD-DV75C-040M Datasheet
508Kb / 4P
5x7mm Precision TCXO Model DV75C
DV75D-010M CONNOR-WINFIELD-DV75D-010M Datasheet
426Kb / 2P
5x7mm Precision TCXO Model DV75D
DV75D-020M CONNOR-WINFIELD-DV75D-020M Datasheet
426Kb / 2P
5x7mm Precision TCXO Model DV75D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com