Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D75AS Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # D75AS
Description  5x7mm Precision TCXO In Stock at Digi-Key
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

D75AS Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  D75AS Datasheet HTML 1Page - Connor-Winfield Corporation D75AS Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 2011 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Suggested Pad Layout
Design Recommendations
Output Waveform
Tape and Reel Dimensions
1:
Do Not Connect
2:
Do Not Connect
3:
Do Not Connect
4:
Ground
5:
Output
6:
Do Not Connect
7:
Do Not Connect
8:
Tri-State Enable / Disable
9:
Supply Voltage Vcc
10:
N/C
Pad Connections
Solder Profile
120°C
150°C
180°C
260°C
0
220°C
Up to 120 s
Typical
10 s
60 to 90 s
Typical
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
120°C
150°C
180°C
260°C
0
220°C
Up to 120 s
Typical
10 s
60 to 90 s
Typical
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
Package Layout
200 mV/Div
0
0.276
0.006
(7.0mm)
±
0.197
0.006
(5.0mm)
±
0.079 Max.
(2.0mm)
D75AS 1144
20.0 MHZ
0.025(6 Places)
(0.635mm)
0.100
(2.54mm)
0.040
(1.02mm)
(6 Places)
0.030
(0.762mm)
(4 Places)
0.100
(2.54mm)
Pin 1
0.038
(0.965mm)
(4 Places)
Dimensional Tolerance:
±.005 (.127mm)
±.02
(.508mm)
1
2
3
4
5
6
7
8
9
10
Bottom
View
MEETS EIA-481A and EIAJ-1009B
2,000 PCS/REEL
8.46 DIA
(216mm DIA)
.08
(2.0mm)
1.00 DIA
(25mm DIA)
9.84 DIA
(250mm DIA)
.06 DIA
(1.5mm DIA)
.69
(17.5mm)
.08
(2.0mm)
3.15
(80mm)
.315
(8.0mm)
.08
(2.0mm)
.21
(5.4mm)
.157
(4.0mm)
.31
(7.9mm)
.295 (7.5mm)
.07 (1.75mm)
.83 (16.0mm)
PIN 1
Direction
Of
Feed
(Customer)
0.215
(5.46mm)
0.037
(0.94mm)
0.051
(1.28mm)
0.051
(1.28mm)
0.295
(7.49mm)
0.030
(0.76mm)
Keep Out Area
Top View
1
10
9
5
4
8
2
3
6
7
* Do not route any traces in the keep out area. It is
recommended the next layer under the keep out
area is to be ground plane.
4
5
1
2
3
6
7
8
9
10
Vcc
Supply
Voltage
N/C
DNC
DNC DNC
DNC DNC
10 nF
Bypass
Enable/
Disable
Output
10 pF
Ground
0.1 uF
Bypass
DNC = Do Not Connect
10K
Ohm
OSC
TOP LAYER
GROUND LAYER
BOTTOM LAYER
Output
Buffer
50 Ohm Trace
Without
Vias
Vcc, should have
a large copper
area for reduced
inductance.
Connect a 0.01uF
bypass capacitor
<0.1”(2.54mm)
from the pad.
Ground,
should have
a large copper
area for reduced
inductance.
0.010”(0.254mm)
Recommended
clearance
inductance
for internal
copper flood.
Top View
1
3
4
5
6
8
9
10
Buffer
Ground
50 Ohm trace
<1”by design
Vcc
Ground
Top View
Test Circuit
Attention: To achieve optimal frequency stability, and in some cases to meet the specification stated on this data
sheet, it is required that the circuit connected to this TCXO output must have the equivalent input capacitance
that is specified by the nominal load capacitance. Deviations from the nominal load capacitance will have a
graduated effect on the stability of approximately 20 ppb per pF load difference.
Bulletin
Tx243
Page
2 of 2
Revision
02
Date
03 Nov 2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com