Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3AL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3AL
Description  Long Stroke Tactile Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3AL Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3AL Datasheet HTML 1Page - Omron Electronics LLC B3AL Datasheet HTML 2Page - Omron Electronics LLC B3AL Datasheet HTML 3Page - Omron Electronics LLC B3AL Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Long Stroke Tactile Switch
B3AL
1
Long Stroke Tactile Switch
B3AL
Long-stroke Tactile Switches with High
Operating Forces and Long Life.
• High operating force version available (OF = 3.5 N (356 gf)).
• Extended Service Life of 1 million operations.
• Long stroke achieved by using a rubber plunger.
• RoHS Compliant
Ordering Information
Note: Order in multiples of the quantities given. Switches are not sold individually.
Specifications
■ Characteristics
Note: Data shown are of initial value
■ Operating Characteristics
Type
Height
Plunger Color
Operating force (OF)
Embossed tape
Model
Quantity per reel
Top actuated, flat
5 mm
Red
1.96 N (200 gf)
B3AL-1000P
1,400
Green
2.45 N (250 gf)
B3AL-1001P
Black
3.00 N (305 gf)
B3AL-1002P
White (milk-white)
3.50 N (357 gf)
B3AL-1003P
Item
Specification
Contact form
SPST-NO
Switching capacity
1 to 50 mA at 5 to 16 VDC (resistive load)
Contact resistance
100 m
Ω max.
Insulation resistance
100 M
Ω min. (at 100 VDC)
Dielectric strength
250 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max. (The center of the plunger is pressed at a speed of 3 or 4 times per second.)
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 100 m/s2 (approx. 10 G) max.
Ambient operating temperature
−40 to 90°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Service Life
1,000,000 operations min.
Weight
Approx. 0.18 g
Model
B3AL-1000P
B3AL-1001P
B3AL-1002P
B3AL-1003P
Plunger Color
Red
green
black
White (milk-white)
Operating force (OF)
1.96
± 0.59 N (200 ± 60 gf) 2.45 ± 0.69 N (200 ± 70 gf) 3.00 ± 0.90 N (200 ± 91 gf) 3.50 ± 1.05 N (200 ± 107 gf)
Releasing force (RF)
0.24 N (24 gf) min.
0.49 N (50 gf) min.
0.60 N (61 gf) min.
0.70 N (71 gf) min.
Pretravel (PT)
1.3
mm
+0.2
−0.3


Similar Part No. - B3AL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3AL-1000P OMRON-B3AL-1000P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
B3AL-1001P OMRON-B3AL-1001P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
B3AL-1002P OMRON-B3AL-1002P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
B3AL-1003P OMRON-B3AL-1003P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
More results

Similar Description - B3AL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3SL OMRON-B3SL Datasheet
596Kb / 6P
Middle Stroke Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3AL1000P OMRON-B3AL1000P Datasheet
285Kb / 3P
Long-stroke Tactile Switch (SMT)
B3SL1005P OMRON-B3SL1005P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
B3SL-1005P OMRON-B3SL-1005P Datasheet
375Kb / 3P
Middle-stroke Tactile Switch (SMT)
logo
Mitsumi Electronics, Co...
SOV MITSUMI-SOV Datasheet
126Kb / 2P
Long-Life Tactile Switches
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com