Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3AL Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3AL
Description  Long Stroke Tactile Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3AL Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3AL Datasheet HTML 1Page - Omron Electronics LLC B3AL Datasheet HTML 2Page - Omron Electronics LLC B3AL Datasheet HTML 3Page - Omron Electronics LLC B3AL Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Long Stroke Tactile Switch
B3AL
■ Construction
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4mm applies to all dimensions.
Precautions
■ Precautions for Correct Use
Handling
Soldering
Do not exceed the following terminal temperature profile during
soldering in a reflow oven.
Washing
The Switches are not sealed, and cannot be washed.
Doing so will cause the washing agent, together with flux or dust
particles on the PCB, to enter the Switch, resulting in malfunction.
Packaging Specifications
The packaging specifications for B3AL Switches in embossed
taping are given below.
Pushbutton
Plunger
Moving contact
Terminal (contact)
Base
4.9 dia.
PCB Pad
(Top View)
Terminal Arrangement/
Internal Connections
(Top View)
8
4
2
6.6
0.8
5
6.9 5.8
6
1.4
260
°C
220
°C
180
°C
150
°C
60 to 120s
60s max.
Time
Preheating time
Main
heating
time
(22)
(5.5)
Reel
13 di
a.
1.5
dia.
+0.1
0
380
±2
dia.
1.75
Tape drawing direction
Tape drawing direction
4±0.1
C
C
Cross section
C-C
12±0.1
2
16
7.50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com