Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4148 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMBD4148
Description  350mW SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBD4148 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMBD4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBD4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBD4148 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBD4148/SE/CC/CA
350mW SMD Switching Diode
Small Signal Diode
Electrical Characteristics
IR=
IR=
IF=
VR=
VR= 75V
VR=
Junction Capacitance
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocket hole position
Punch hole position
Sprocket hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
μA
Type Number
-
-
1.0
50.0
100
-
-
VF
CJ
Min
Symbol
pF
ns
4.0
75
-
V(BR)
V
5.0
Units
V
nA
Max
4.0
-
VR=0V, f=1 MHz
Forward Voltage
Reverse Recovery Time IF=10mA,VR=6V,IRR=1mA,RL=100Ω
IR
-
25.0
Trr
-
Reverse Breakdown Voltage
100μA
10mA
20V,Ta=150
℃
Reverse Leakage Current
20V
5μA
W
8.10 ±0.20
P0
4.00 ±0.10
P1
2.00 ±0.05
T
0.229 ±0.013
F
3.50 ±0.05
1.50 ± 0.10
D
178 ± 1
d
D2
13.0 ± 0.20
E
1.75 ±0.10
3.15 ±0.10
Item
Symbol
C
1.22 ±0.10
μA
W1
12.30 ±0.20
D1
55 Min
B
2.77 ±0.10
Dimension(mm)
A
W1
D1
D2
D
T
C
d
P
1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Version : A11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com