Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4148 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMBD4148
Description  350mW SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBD4148 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMBD4148 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBD4148 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBD4148 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD4148/SE/CC/CA
350mW SMD Switching Diode
Small Signal Diode
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case :SOT-23 small outline plastic package
2.80
3.00
0.110
0.118
1.20
1.40
0.047
0.055
0.30
0.50
0.012
0.020
1.80
2.00
0.071
0.079
2.25
2.55
0.089
0.100
0.90
1.20
0.035
0.047
Part No.
Package
Packing
Code
Packing
Marking
MMBD4148
SOT-23
RF
3K / 7" Reel
5D
MMBD4148CC SOT-23
RF
3K / 7" Reel
A4
MMBD4148CA SOT-23
RF
3K / 7" Reel
A1
MMBD4148SE SOT-23
RF
3K / 7" Reel
A7
MMBD4148
SOT-23
RFG
3K / 7" Reel
5D
MMBD4148CC SOT-23
RFG
3K / 7" Reel
A4
MMBD4148CA SOT-23
RFG
3K / 7" Reel
A1
MMBD4148SE SOT-23
RFG
3K / 7" Reel
A7
Maximum Ratings
at t=1μs
at t=1s
V
mA
Non-Repetitive Peak Forward Surge Current
SOT-23
Note1. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts
Repetitive Peak Reverse Voltage
Rating at 25°C ambient temperature unless otherwise specified.
Units
mW
100
A
V
mA
Power Dissipation
may vary despending on application.
Reverse Voltage
Average Rectified Forward Current
VR
IF(AV)
75
200
700
Type Number
Value
VRRM
Repetitive Peak Forward Current
IFRM
Symbol
PD
350
Suggested PAD Layout
D
E
F
Maximum Ratings and Electrical Characteristics
High temperature soldering guaranteed: 260°C/10s
Weight : 0.008gram (approximately)
Pin Configuration
Ordering Information
Marking Code: 5D.A7.A4.A1
Features
Mechanical Data
Unit (inch)
A
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Fast switching speed
Unit (mm)
Dimensions
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
B
C
IFSM
2
1
Thermal Resistance (Junction to Ambient)
RθJA
357
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
°C
MMBD4148
MMBD4148CC
MMBD4148CA
B
A
C
D
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
F
E
MMBD4148SE
Version : A11


Similar Part No. - MMBD4148

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148 Datasheet
101Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
MMBD4148 TRSYS-MMBD4148 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
MMBD4148 WTE-MMBD4148 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD4148 JGD-MMBD4148 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD4148 FAIRCHILD-MMBD4148 Datasheet
63Kb / 4P
Small Signal Diode
More results

Similar Description - MMBD4148

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
350mW 100Volt Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RW TSC-TS4148RW Datasheet
96Kb / 2P
350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
350mW High Speed SMD Switching Diode
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
350mW SMD Switching Diode
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
350mW 70Volt Switching Diode
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004_15 Datasheet
255Kb / 4P
350mW, SMD Switching Diode
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
CMPSH-3 MCC-CMPSH-3_13 Datasheet
208Kb / 3P
350mW 30Volt Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com