Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK86C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK86C
Description  8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK86C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK86C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK86C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:C11
RATINGS AND CHARACTERISTIC CURVES (SK82C THRU SK86C)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25
oC
f=1.0MHZ
Vsig=50mvp-p
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
2
4
6
8
10
0
50
100
150
LEAD TEMPERATURE (
oC)
RESISTIVEOR
INDUCTIVE LOAD
SK85C-SK86C
SK82C-SK84C
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
60
120
180
240
300
360
420
480
540
600
1
10
100
NUMBER OF CYCLES AT 60 HZ
8.3ms Single Half Sine Wave
JEDEC Method
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
0.001
0.01
0.1
1
10
100
0
50
100
PERCENT OF RATED PEAK REVERSE VOLTAGE
(%)
TA=25℃
TA=75℃
TA=125℃
SK82C-SK84C
SK85C-SK86C
FIG. 3- TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
SK82C-SK84C
SK85C-SK86C
PULSE WIDTH=300μs
1%DUTY CYCLE
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
0.1
1
10
100
0.01
0.1
1
10
100
PULSE DURATION. (sec)
SK82C-SK84C
SK85C-SK86C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com