Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK86C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK86C
Description  8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK86C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK86C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK86C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
For surface mounted application
Metal to sillicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
Epitaxial construction
SK8XC = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SK
82C
SK
83C
Units
VRRM
20
30
V
VRMS
20
30
V
VDC
14
21
V
mA
mA
RθJA
OC/W
TJ
OC
TSTG
OC
28
0.5
15
10
150
Packaging: 16mm tape per EIA STD RS-481
Mechanical Data
60
SK
85C
50
SK
84C
40
Note 1: Pluse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to +150
-55 to +125
-55 to +150
IR
SK
86C
20
Maximum RMS Voltage
Maximum DC Blocking Voltage
60
42
50
35
40
Features
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260℃/10 seconds at terminals
SK82C - SK86C
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SMC/DC-214AB
Weight: 0.21 grams
Typical Thermal Resistance
Type Number
Maximum Recurrent Peak Reverse Voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
Version:C11
Maximum DC Reverse Current @ TA=25 ℃
at Rated DC Blocking Voltage @ TA=100 ℃
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Marking Diagram
Maximum Average Forward Rectified Current
IF(AV)
8A
Polarity: Indicated by cathode band
Terminals: Solder plated
Dimensions in inches and (millimeters)
Case: Molded plastic
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
0.55
0.75
V
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SK86C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK86C TSC-SK86C Datasheet
50Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK86C TSC-SK86C Datasheet
88Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SK86C PACELEADER-SK86C Datasheet
163Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SK86C TSC-SK86C Datasheet
527Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK86C TSC-SK86C Datasheet
208Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK86C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK82C TSC-SK82C Datasheet
50Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SK82C TSC-SK82C_1 Datasheet
88Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820 Datasheet
161Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SK82C TSC-SK82C_10 Datasheet
527Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SK82C TSC-SK82C_13 Datasheet
269Kb / 4P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com