Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet(PDF) 6 Page - Littelfuse

Part # SP3003
Description  SP3003 Series 0.65pF Rail Clamp Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 6 Page - Littelfuse

  SP3003 Datasheet HTML 1Page - Littelfuse SP3003 Datasheet HTML 2Page - Littelfuse SP3003 Datasheet HTML 3Page - Littelfuse SP3003 Datasheet HTML 4Page - Littelfuse SP3003 Datasheet HTML 5Page - Littelfuse SP3003 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
100
TVS Diode Arrays (SPA™Family of Products)
Revision: April 14, 2011
SP3003 Series
Low Capacitance ESD Protection - SP3003 Series
Embossed Carrier Tape & Reel Specification — MSOP-10
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
5.40
5.60
0.213
0.220
D
1.50
1.60
0.059
0.063
D1
1.50 Min
0.059 Min
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
11.90
12.10
0.469
0.476
P
7.90
8.10
0.311
0.319
A0
5.20
5.40
0.205
0.213
B0
3.20
3.40
0.126
0.134
K0
1.20
1.40
0.047
0.055
t
0.30 +/- 0.05
0.012+/- 0.002
Embossed Carrier Tape & Reel Specifications — SOT553 and SOT563
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.076
0.081
D
1.40
1.60
0.055
0.063
D1
0.45
0.55
0.017
0.021
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
1.73
1.83
0.068
0.072
B0
1.73
1.83
0.068
0.072
K0
0.64
0.74
0.025
0.029
t
0.22 max
0.009 max
Embossed Carrier Tape & Reel Specifications — SC70-5 and SC70-6
Millimetres
Inches
Min
Max
Min
Max
E
1.65
1.85
0.064
0.073
F
3.45
3.55
0.135
0.139
P2
1.95
2.05
0.077
0.081
D
1.40
1.60
0.055
0.063
D1
1.00
1.25
0.039
0.049
P0
3.90
4.10
0.154
0.161
10P0
40.0+/- 0.20
1.574+/-0.008
W
7.70
8.10
0.303
0.318
P
3.90
4.10
0.153
0.161
A0
2.14
2.34
0.084
0.092
B0
2.24
2.44
0.088
0.960
K0
1.12
1.32
0.044
0.052
t
0.27 max
0.010 max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com