Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3003 Datasheet(PDF) 1 Page - Littelfuse

Part # SP3003
Description  SP3003 Series 0.65pF Rail Clamp Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3003 Datasheet(HTML) 1 Page - Littelfuse

  SP3003 Datasheet HTML 1Page - Littelfuse SP3003 Datasheet HTML 2Page - Littelfuse SP3003 Datasheet HTML 3Page - Littelfuse SP3003 Datasheet HTML 4Page - Littelfuse SP3003 Datasheet HTML 5Page - Littelfuse SP3003 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
95
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: April 14, 2011
SP3003 Series
Low Capacitance ESD Protection - SP3003 Series
Description
Features
Applications
The SP3003 has ultra low capacitance rail-to-rail diodes with
an additional zener diode fabricated in a proprietary silicon
avalanche technology to protect each I/O pin providing a
high level of protection for electronic equipment that may
experience destructive electrostatic discharges (ESD). These
robust diodes can safely absorb repetitive ESD strikes at the
maximum level specified in the IEC 61000-4-2 international
standard (Level 4, ±8kV contact discharge) without
performance degradation. Their very low loading capacitance
also makes them ideal for protecting high speed signal pins
such as HDMI, DVI, USB2.0, and IEEE 1394.
0.65pF (TYP) per I/O
contact discharge,
±15kV air discharge,
(IEC61000-4-2)
IEC61000-4-4, 40A
(5/50ns)
0.5μA (MAX) at 5V
board space (SC70,
SOT553, SOT563,
MSOP10)
IEC61000-4-5, 2.5A
(8/20μs)
Pinout
NC
V
CC
I/O 1
GND
I/O 2
I/O 4
V
CC
I/O 3
I/O 1
GND
I/O 2
SP3003-04X/J
SP3003-02X/J
Functional Block Diagram
I/O2
I/O1
GND
I/O3
V
CC
I/O4
I/O1
GND
I/O2
V
CC
SP3003-04
SP3003-02
I/O 1
I/O 2
V
NC
GND
CC
NC
NC
NC
I/O 3
I/O 4
SP3003-04A
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS
Pb GREEN
Application Example
Clk+
Gnd
Clk-
D2+
Gnd
D2-
D1+
Gnd
D1-
D0+
Gnd
D0-
HDMI
or DVI
Connector
HDMI
or DVI
Interface
IC
D0+
D0-
D1+
D1-
D2+
D2-
Clk+
Clk-
6
5
4
SP300x-04
1
2
3
+5V
Gnd
6
5
4
SP300x-04
1
2
3
A single 4 channel SP300x-04
device can be used to protect
four of the data lines in a
HDMI/DVI interface. Two (2)
SP300x-04 devices provide
protection for the main data
lines. Low voltage ASIC
HDMI/DVI drivers can also be
protected with the SP300x-04,
the +V
CC pins on the SP300x-04
can be substituted with a
suitable bypass capacitor or in
some backdrive applications the
+V
CC of the SP300x-04 can be
floated or NC.
SP3003 Series 0.65pF Rail Clamp Array


Similar Part No. - SP3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003 LITTELFUSE-SP3003 Datasheet
286Kb / 8P
Low Capacitance ESD Protection Array
SP3003 LITTELFUSE-SP3003 Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
568Kb / 8P
Low Capacitance ESD Protection Array
SP3003-02JTG LITTELFUSE-SP3003-02JTG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
SP3003-02UTG LITTELFUSE-SP3003-02UTG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
More results

Similar Description - SP3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMMAD ETC-PMMAD Datasheet
119Kb / 3P
STEERING DIODE (RAIL CLAMP) ARRAY
logo
Littelfuse
SP3002 LITTELFUSE-SP3002_11 Datasheet
303Kb / 6P
SP3002 Series 0.85pF Rail Clamp Array
SP3010 LITTELFUSE-SP3010_11 Datasheet
285Kb / 4P
SP3010 Series 0.45pF Rail Clamp Array
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
SP3012 Series 0.5pF Rail Clamp Array
SP4060 LITTELFUSE-SP4060 Datasheet
628Kb / 4P
SP4060 Series 2.5V 20A Rail Clamp Array
SP4061 LITTELFUSE-SP4061 Datasheet
1Mb / 4P
SP4061 Series 2.5V 20A Rail Clamp Array
SP4062_0627 LITTELFUSE-SP4062_0627 Datasheet
1Mb / 4P
SP4062 Series 3.3V 20A Rail Clamp Array
SP720ABG LITTELFUSE-SP720ABG Datasheet
405Kb / 6P
SP720 Series 3pF 4kV Rail Clamp Array
SP4062 LITTELFUSE-SP4062 Datasheet
1Mb / 5P
SP4062 Series 3.3V 20A Rail Clamp Array
SP3003-08ATG LITTELFUSE-SP3003-08ATG Datasheet
1Mb / 7P
SP3003 Series 0.65pF Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com