Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU1H100Q Datasheet(PDF) 9 Page - Ruichips Semiconductor Co., Ltd

Part # RU1H100Q
Description  N-Channel Advanced Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1H100Q Datasheet(HTML) 9 Page - Ruichips Semiconductor Co., Ltd

Back Button RU1H100Q Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 9Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 10Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 11Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright
© Ruichips Semiconductor Co., Ltd
Rev. A –SEP., 2010
9
www.ruichips.com
RU1H100
TO-263-2L
ALL DIMENSIONS REFER TO JEDEC STANDARD
DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS
MM
INCH
MM
INCH
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
4.40
4.57
4.70
0.173
0.180
0.185
L
2.00
2.30
2.60
0.079
0.090
0.102
A1
0
0.10
0.25
0
0.004
0.010
L3
1.17
1.27
1.40
0.046
0.050
0.055
A2
2.59
2.69
2.79
0.102
0.106
0.110
L1
-
-
1.70
-
-
0.067
b
0.77
-
0.90
0.030
-
0.035
L4
0.25BSC
0.01BSC
b1
1.23
-
1.36
0.048
-
0.052
L2
2.50REF.
0.098REF.
c
0.34
-
0.47
0.013
-
0.019
θ
0°
-
8°
0°
-
8°
C1
1.22
-
1.32
0.048
-
0.052
θ1
5°
7°
9°
5°
7°
9°
D
8.60
8.70
8.80
0.338
0.343
0.346
θ2
1°
3°
5°
1°
3°
5°
E
10.00
10.16
10.26
0.394
0.4
0.404
DEP
0.05
0.10
0.20
0.002
0.004
0.008
e
2.54BSC
0.1BSC
Øp1
1.40
1.50
1.60
0.055
0.059
0.063
H
14.70
15.10
15.50
0.579
0.594
0.610



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com