Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU1H100Q Datasheet(PDF) 2 Page - Ruichips Semiconductor Co., Ltd

Part # RU1H100Q
Description  N-Channel Advanced Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU1H100Q Datasheet(HTML) 2 Page - Ruichips Semiconductor Co., Ltd

  RU1H100Q Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd RU1H100Q Datasheet HTML 9Page - Ruichips Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright
© Ruichips Semiconductor Co., Ltd
Rev. A –SEP., 2010
2
www.ruichips.com
RU1H100
Electrical Characteristics (T
A=25°C Unless Otherwise Noted)
RU1H100
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
100
V
VDS= 100V, VGS=0V
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
30
µA
V
GS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250
µA
2
3
4
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
±100
nA
RDS(ON)
③
Drain-Source On-state Resistance
VGS= 10V, IDS=40A
11
14
m
Ω
Notes:
①Current limited by package.
② Limited by TJmax, IAS =40A, VDD = 48V, RG = 47Ω , Starting TJ = 25°C
③Pulse test ; Pulse width
≤400
µs, duty cycle≤2%.
④Guaranteed by design, not subject to production testing.
Diode Characteristics
VSD
③
Diode Forward Voltage
ISD=40A, VGS=0V
1.2
V
trr
Reverse Recovery Time
36
ns
qrr
Reverse Recovery Charge
ISD=40A, dlSD/dt=100A/
µs
46
nC
Dynamic Characteristics
④
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
1.5
Ω
Ciss
Input Capacitance
3450
Coss
Output Capacitance
265
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS= 50V,
Frequency=1.0MHz
148
pF
td(ON)
Turn-on Delay Time
19
tr
Turn-on Rise Time
86
td(OFF)
Turn-off Delay Time
55
tf
Turn-off Fall Time
VDD=50V,IDS= 40A, VGEN=
10V,RG=5.6
Ω
69
ns
Gate Charge Characteristics
④
Qg
Total Gate Charge
85
135
Qgs
Gate-Source Charge
20
Qgd
Gate-Drain Charge
VDS=80V, VGS= 10V,
IDS=40A
35
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com