Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP280W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFP280W
Description  NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP280W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFP280W Datasheet HTML 1Page - Siemens Semiconductor Group BFP280W Datasheet HTML 2Page - Siemens Semiconductor Group BFP280W Datasheet HTML 3Page - Siemens Semiconductor Group BFP280W Datasheet HTML 4Page - Siemens Semiconductor Group BFP280W Datasheet HTML 5Page - Siemens Semiconductor Group BFP280W Datasheet HTML 6Page - Siemens Semiconductor Group BFP280W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-12-1996
BFP 280W
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
6.472
fA
VAF =
25.609
V
NE =
1.6163
-
VAR =
5.6909
V
NC =
1.0651
-
RBM =
14.999
Ω
CJE =
36.218
fF
TF =
11.744
ps
ITF =
6.2179
mA
VJC =
1.1943
V
TR =
2.3693
ns
MJS =
0-
XTI =
3-
BF =
89.888
-
IKF =
0.073457
A
BR =
20.238
-
IKR =
0.012696
A
RB =
15
Ω
RE =
2.4518
Ω
VJE =
0.70035
V
XTF =
0.21585
-
PTF =
0
deg
MJC =
0.30017
-
CJS =
0
fF
XTB =
0
-
FC =
0.96275
-
NF =
1.0801
-
ISE =
15.596
fA
NR =
0.83403
-
ISC =
1.409
fA
IRB =
0.031958
mA
RC =
6.989
Ω
MJE =
0.69773
-
VTF =
0.2035
V
CJC =
252.99
fF
XCJC =
0.19188
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.43
nH
LBO =
0.47
nH
LEI =
0.26
nH
LEO =
0.12
nH
LCI =
0.06
nH
LCO =
0.36
nH
CBE =
68
fF
CCB =
46
fF
CCE =
232
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com