Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP280W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFP280W
Description  NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP280W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFP280W Datasheet HTML 1Page - Siemens Semiconductor Group BFP280W Datasheet HTML 2Page - Siemens Semiconductor Group BFP280W Datasheet HTML 3Page - Siemens Semiconductor Group BFP280W Datasheet HTML 4Page - Siemens Semiconductor Group BFP280W Datasheet HTML 5Page - Siemens Semiconductor Group BFP280W Datasheet HTML 6Page - Siemens Semiconductor Group BFP280W Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-12-1996
BFP 280W
NPN Silicon RF Transistor
• For low noise, low-power amplifiers in mobile
communication systems (pager, cordless
telephone) at collector currents from 0.2mA to 8mA
•
fT = 7,5GHz
F = 1.5dB at 900MHz
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFP 280W
REs
Q62702-F1504
1 = E
2 = C
3 = E
4 = B
SOT-343
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
8
V
Collector-emitter voltage
VCES
10
Collector-base voltage
VCBO
10
Emitter-base voltage
VEBO
2
Collector current
IC
10
mA
Base current
IB
1.2
Total power dissipation
TS ≤ 116 °C
Ptot
80
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 430
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - BFP280W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
logo
Vishay Siliconix
BFP280T VISHAY-BFP280T Datasheet
93Kb / 6P
Silicon NPN Planar RF Transistor
20-Jan-99
BFP280TRW VISHAY-BFP280TRW Datasheet
93Kb / 6P
Silicon NPN Planar RF Transistor
20-Jan-99
BFP280TW VISHAY-BFP280TW Datasheet
93Kb / 6P
Silicon NPN Planar RF Transistor
20-Jan-99
More results

Similar Description - BFP280W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG19S SIEMENS-BFG19S Datasheet
49Kb / 6P
NPN Silicon RF Transistor (For low noise, low distortion broadband amplifiers in antenna)
BFP180 SIEMENS-BFP180 Datasheet
76Kb / 8P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
BFP180W SIEMENS-BFP180W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2 to 2.5mA)
BFP280 SIEMENS-BFP280 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR180 SIEMENS-BFR180 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
BFR180W SIEMENS-BFR180W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low-power amplifiers in mobile communication systems pager at collector currents from 0.2mA to 2.5mA)
BFR280 SIEMENS-BFR280 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
BFR280W SIEMENS-BFR280W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
BFS480 SIEMENS-BFS480 Datasheet
52Kb / 6P
NPN Silicon RF Transistor (For low noise, low-power amplifiers in mobile communication systems)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com