Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP93 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFP93
Description  NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP93 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFP93 Datasheet HTML 1Page - Siemens Semiconductor Group BFP93 Datasheet HTML 2Page - Siemens Semiconductor Group BFP93 Datasheet HTML 3Page - Siemens Semiconductor Group BFP93 Datasheet HTML 4Page - Siemens Semiconductor Group BFP93 Datasheet HTML 5Page - Siemens Semiconductor Group BFP93 Datasheet HTML 6Page - Siemens Semiconductor Group BFP93 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-16-1996
BFP 93A
NPN Silicon RF Transistor
• For low distortion broadband amplifiers and
oscillators up to 2GHz at collector currents from
5 mA to 30 mA
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFP 93A
FEs
Q62702-F1144
1 = C
2 = E
3 = B
4 = E
SOT-143
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
12
V
Collector-emitter voltage
VCES
20
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
50
mA
Base current
IB
6
Total power dissipation
TS ≤ 78 °C
Ptot
300
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 240
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Similar Part No. - BFP93

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
BFP93AW VISHAY-BFP93AW Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
More results

Similar Description - BFP93

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
BFR92P SIEMENS-BFR92P Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
BFR92W SIEMENS-BFR92W Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com