Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92P Datasheet (PDF) - Siemens Semiconductor Group

BFR92P Datasheet PDF - Siemens Semiconductor Group
Part # BFR92P
Download  BFR92P Download
File Size   57.75 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)

BFR92P Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR92P Datasheet PDF - Siemens Semiconductor Group

Part # BFR92P
Download  BFR92P Click to download

File Size   57.75 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)

BFR92P Datasheet (HTML) - Siemens Semiconductor Group


BFR92P Product details

NPN Silicon RF Transistor

• For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA
• Complementary type: BFT92 (PNP)
• CECC-type available: CECC 50002/249




Similar Part No. - BFR92P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR92P INFINEON-BFR92P Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Aug-03-2001
BFR92P INFINEON-BFR92P Datasheet
142Kb / 7P
NPN Silicon RF Transistor
2007-04-26
BFR92P INFINEON-BFR92P Datasheet
602Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFR92P INFINEON-BFR92P_07 Datasheet
142Kb / 7P
NPN Silicon RF Transistor
2007-04-26
BFR92P INFINEON-BFR92P_13 Datasheet
602Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-21
More results


Similar Description - BFR92P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFQ29P SIEMENS-BFQ29P Datasheet
228Kb / 10P
NPN Silicon RF Transistor (For low-noise IF and broadband amplifiers up to 1 GHz at collector currents from 1 mA to 20 mA.)
BFQ71 SIEMENS-BFQ71 Datasheet
499Kb / 18P
NPN Silicon RF Transistor (For broadband amplifiers up to 2 GHz and fast non-saturated switches at collector currents from 1 mA to 20 mA.)
BFQ72 SIEMENS-BFQ72 Datasheet
325Kb / 14P
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 2 GHz at collector currents from 10 mA to 30 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFR92W SIEMENS-BFR92W Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR93P SIEMENS-BFR93P Datasheet
197Kb / 9P
NPN Silicon RF Transistor (For low-distortion broadband amplifiers up to 1 GHz at collector currents from 2 mA to 30 mA.)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com