Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92P Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFR92P
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR92P Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFR92P Datasheet HTML 1Page - Siemens Semiconductor Group BFR92P Datasheet HTML 2Page - Siemens Semiconductor Group BFR92P Datasheet HTML 3Page - Siemens Semiconductor Group BFR92P Datasheet HTML 4Page - Siemens Semiconductor Group BFR92P Datasheet HTML 5Page - Siemens Semiconductor Group BFR92P Datasheet HTML 6Page - Siemens Semiconductor Group BFR92P Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-12-1996
BFR 92P
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
0.1213
fA
VAF =
30
V
NE =
1.9052
-
VAR =
14.599
V
NC =
1.371
-
RBM =
7.8145
Ω
CJE =
10.416
fF
TF =
26.796
ps
ITF =
4.4601
mA
VJC =
0.84079
V
TR =
1.2744
ns
MJS =
0-
XTI =
3-
BF =
94.733
-
IKF =
0.46227
A
BR =
10.729
-
IKR =
0.01
A
RB =
14.998
Ω
RE =
0.29088
Ω
VJE =
0.70618
V
XTF =
0.3817
-
PTF =
0
deg
MJC =
0.4085
-
CJS =
0
fF
XTB =
0
-
FC =
0.99545
-
NF =
1.0947
-
ISE =
129.55
fA
NR =
0.8983
-
ISC =
0.75557
fA
IRB =
0.01652
mA
RC =
0.13793
Ω
MJE =
0.34686
-
VTF =
0.32861
V
CJC =
946.47
fF
XCJC =
0.13464
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.85
nH
LBO =
0.51
nH
LEI =
0.69
nH
LEO =
0.61
nH
LCI =
0nH
LCO =
0.49
nH
CBE =
73
fF
CCB =
84
fF
CCE =
165
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com