Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92P Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BFR92P
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR92P Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BFR92P Datasheet HTML 1Page - Siemens Semiconductor Group BFR92P Datasheet HTML 2Page - Siemens Semiconductor Group BFR92P Datasheet HTML 3Page - Siemens Semiconductor Group BFR92P Datasheet HTML 4Page - Siemens Semiconductor Group BFR92P Datasheet HTML 5Page - Siemens Semiconductor Group BFR92P Datasheet HTML 6Page - Siemens Semiconductor Group BFR92P Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
Dec-12-1996
BFR 92P
Power Gain
Gma, Gms = f(VCE):_____
|
S21|2 = f(VCE):---------
f = Parameter
0
2
4
6
8
V
12
V
CE
0
2
4
6
8
10
12
dB
16
G
0.9GHz
1.8GHz
0.9GHz
1.8GHz
I
C=15mA
Intermodulation Intercept Point
IP3=f(IC)
(3rd order, Output,
ZS=ZL=50Ω)
VCE = Parameter, f = 900MHz
0
4
8
12
16
20
mA
28
I
C
6
8
10
12
14
16
18
20
22
dBm
26
IP
3
8V
5V
3V
2V
1V
Power Gain
Gma, Gms = f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
0
4
8
12
16
20
24
dB
32
G
10V
1V
0.7V
I
C=15mA
Power Gain |
S21|2= f(f)
VCE = Parameter
0.0
0.5
1.0
1.5
2.0
2.5
GHz
3.5
f
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
dB
28
S
21
10V
1V
0.7V
I
C=15mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com