Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92P Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFR92P
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR92P Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFR92P Datasheet HTML 1Page - Siemens Semiconductor Group BFR92P Datasheet HTML 2Page - Siemens Semiconductor Group BFR92P Datasheet HTML 3Page - Siemens Semiconductor Group BFR92P Datasheet HTML 4Page - Siemens Semiconductor Group BFR92P Datasheet HTML 5Page - Siemens Semiconductor Group BFR92P Datasheet HTML 6Page - Siemens Semiconductor Group BFR92P Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Dec-12-1996
BFR 92P
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 15 mA, VCE = 8 V, f = 500 MHz
fT
3.5
5
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
0.38
0.6
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
-
0.2
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
0.7
-
Noise figure
IC = 2 mA, VCE = 6 V, ZS = ZSopt
f = 900 MHz
f = 1.8 GHz
F
-
-
2.9
1.8
-
-
dB
Power gain
2)
IC = 15 mA, VCE = 8 V, ZS = ZSopt
ZL = ZLopt
f = 900 MHz
f = 1.8 GHz
Gma
-
-
9.5
15
-
-
Transducer gain
IC = 15 mA, VCE = 8 V, ZS =ZL= 50 Ω
f = 900 MHz
f = 1.8 GHz
|
S21e|2
-
-
7
12.5
-
-
2)
Gma = |S21/S12| (k-(k2-1)1/2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com