Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR92P Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BFR92P
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFR92P Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BFR92P Datasheet HTML 1Page - Siemens Semiconductor Group BFR92P Datasheet HTML 2Page - Siemens Semiconductor Group BFR92P Datasheet HTML 3Page - Siemens Semiconductor Group BFR92P Datasheet HTML 4Page - Siemens Semiconductor Group BFR92P Datasheet HTML 5Page - Siemens Semiconductor Group BFR92P Datasheet HTML 6Page - Siemens Semiconductor Group BFR92P Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Dec-12-1996
BFR 92P
Total power dissipation
Ptot = f (TA*, TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A,TS
0
50
100
150
200
mW
300
P
tot
T
S
T
A
Permissible Pulse Load
RthJS = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax/PtotDC = f (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com