Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG430 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430 Datasheet(HTML) 2 Page - Integrated Device Technology

  9FG430 Datasheet HTML 1Page - Integrated Device Technology 9FG430 Datasheet HTML 2Page - Integrated Device Technology 9FG430 Datasheet HTML 3Page - Integrated Device Technology 9FG430 Datasheet HTML 4Page - Integrated Device Technology 9FG430 Datasheet HTML 5Page - Integrated Device Technology 9FG430 Datasheet HTML 6Page - Integrated Device Technology 9FG430 Datasheet HTML 7Page - Integrated Device Technology 9FG430 Datasheet HTML 8Page - Integrated Device Technology 9FG430 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IDT® Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681C—08/26/10
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
2
Pin Configuration
Power Groups
VDD
GND
3
4
9,21
10,20
28
27
IREF, Analog VDD, GND for PLL Core
Description
Pin Num ber
REFOUT, Digital Inputs
DIF Outputs
Frequency Select Table
SEL14M_25M#
(FS3)
FS2 FS1 FS0 OUTPUT (MHz)
0
0
0
0
100.00
0
0
0
1
125.00
0
0
1
0
133.33
0
0
1
1
166.67
0
1
0
0
200.00
0
1
0
1
266.67
0
1
1
0
333.33
0
1
1
1
400.00
1
0
0
0
100.00
1
0
0
1
125.00
1
0
1
0
133.33
1
0
1
1
166.67
1
1
0
0
200.00
1
1
0
1
266.67
1
1
1
0
333.33
1
1
1
1
400.00
XIN/CLKIN
1
28 VDDA
X2
2
27 GNDA
VDD
3
26 IREF
GND
4
25 vFS0
REFOUT
5
24 vFS1
vFS2
6
23 DIF_0
DIF_3
7
22 DIF_0#
DIF_3#
8
21 VDD
VDD
9
20 GND
GND 10
19 DIF_1
DIF_2 11
18 DIF_1#
DIF_2# 12
17 ^SEL14M_25M#
SDATA 13
16 vSPREAD
SCLK 14
15 DIF_STOP#
^ indicates internal 120K pull up
v indicates internal 120K pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com