Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG430 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 9FG430
Description  Four Output Differential Frequency Generator for PCIe Gen3 and QPI
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FG430 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 9FG430 Datasheet HTML 9Page - Integrated Device Technology 9FG430 Datasheet HTML 10Page - Integrated Device Technology 9FG430 Datasheet HTML 11Page - Integrated Device Technology 9FG430 Datasheet HTML 12Page - Integrated Device Technology 9FG430 Datasheet HTML 13Page - Integrated Device Technology 9FG430 Datasheet HTML 14Page - Integrated Device Technology 9FG430 Datasheet HTML 15Page - Integrated Device Technology 9FG430 Datasheet HTML 16Page - Integrated Device Technology 9FG430 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IDT® Four Output Differential Frequency Generator for PCIe Gen3 and QPI
1681C—08/26/10
9FG430
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
13
SMBus Table: Frequency Select Readback Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
SEL14M_25M#1
(FS3)
State of pin 17
R
Pin 17
Bit 6
FS21
State of pin 6
R
Pin 6
Bit 5
FS11
State of pin 24
R
Pin 24
Bit 4
FS01
State of pin 25
R
Pin 25
Bit 3
SPREAD1
State of pin 26
R
Off
On
Pin 16
Bit 2
0
Bit 1
0
Bit 0
0
Notes:
1. These bits reflect the state of the corresponding pins, regardless of whether software
programming is enabled or not.
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: DEVICE ID
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DID7
R
-
-
0
Bit 6
DID6
R
-
-
1
Bit 5
DID5
R
-
-
0
Bit 4
DID4
R
-
-
0
Bit 3
DID3
R
-
-
0
Bit 2
DID2
R
-
-
0
Bit 1
DID1
R
-
-
1
Bit 0
DID0
R
-
-
1
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
0
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
Reserved
Reserved
Reserved
Device ID = 43 hex
Byte 3
6
27
45
44
See Frequency Selection Table,
Page 1
-
16
VENDOR ID
-
-
-
-
Byte 4
-
REVISION ID
-
-
-
-
-
-
-
Byte 5
-
-
-
-
-
-
Byte 6
Writing to this register will
configure how many bytes will
be read back, default is 07 = 7
bytes.
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com