Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17S Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFS17S
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFS17S Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFS17S Datasheet HTML 1Page - Siemens Semiconductor Group BFS17S Datasheet HTML 2Page - Siemens Semiconductor Group BFS17S Datasheet HTML 3Page - Siemens Semiconductor Group BFS17S Datasheet HTML 4Page - Siemens Semiconductor Group BFS17S Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
Dec-18-1996
BFS 17S
NPN Silicon RF Transistor
• For broadband amplifiers up to 1GHz
at collector currents from 1mA to 20mA
Tape loading orientation
Type
Marking Ordering Code
Pin Configuration
Package
BFS 17S
MCs
Q62702-F1645
1/4=B1/B2 2/5=E1/E2 3/6=C2/C1 SOT-363
Maximum Ratings of any single Transistor
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
15
V
Collector-base voltage
VCBO
25
Emitter-base voltage
VEBO
2.5
Collector current
IC
25
mA
Peak collector current
f
≥ 10 MHz
ICM
50
Total power dissipation
TS ≤ 83 °C
Ptot
280
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 240
K/W
1) Package mounted on aluminia 15 mm x 16,7 mm x 0,7 mm


Similar Part No. - BFS17S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS17S INFINEON-BFS17S Datasheet
47Kb / 5P
NPN Silicon RF Transistor
Aug-20-2001
BFS17S INFINEON-BFS17S Datasheet
72Kb / 7P
NPN Silicon RF Transistor
2007-03-30
BFS17S INFINEON-BFS17S Datasheet
522Kb / 7P
NPN Silicon RF Transistor
2011-07-20
logo
Motorola, Inc
BFS17S MOTOROLA-BFS17S Datasheet
34Kb / 1P
RF TRANSISTOR
logo
Infineon Technologies A...
BFS17S INFINEON-BFS17S_07 Datasheet
72Kb / 7P
NPN Silicon RF Transistor
2007-03-30
More results

Similar Description - BFS17S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP182 SIEMENS-BFP182 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182R SIEMENS-BFP182R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFP182W SIEMENS-BFP182W Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFR182W SIEMENS-BFR182W Datasheet
55Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS482 SIEMENS-BFS482 Datasheet
53Kb / 6P
NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA.)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com