Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPR502 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPR502 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS9LPR502 Datasheet HTML 17Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 18Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 19Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 20Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 21Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 22Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 23Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 24Page - Integrated Device Technology ICS9LPR502 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
21
Datasheet
Byte 5 Clock Request Enable/Configuration Register
Bit
Pin
Name
Description
Type
Default
7
CR#_A_EN
Enable CR#_A (clk req),
PCI0_OE must be = 1 for this bit to take effect
RW
0
6
CR#_A_SEL
Sets CR#_A to control either SRC0 or SRC2
RW
0
5
CR#_B_EN
Enable CR#_B (clk req)
RW
0
4
CR#_B_SEL
Sets CR#_B -> SRC1 or SRC4
RW
0
3
CR#_C_EN
Enable CR#_C (clk req)
RW
0
2
CR#_C_SEL
Sets CR#_C -> SRC0 or SRC2
RW
0
1
CR#_D_EN
Enable CR#_D (clk req)
RW
0
0
CR#_D_SEL
Sets CR#_D -> SRC1 or SRC4
RW
0
Byte 6 Clock Request Enable/Configuration and Stop Control Register
Bit
Pin
Name
Description
Type
Default
7
CR#_E_EN
Enable CR#_E (clk req) -> SRC6
RW
0
6CR#_F_EN
Enable CR#_F (clk req) -> SRC8
RW
0
5
CR#_G_EN
Enable CR#_G (clk req) -> SRC9
RW
0
4
CR#_H_EN
Enable CR#_H (clk req) -> SRC10
RW
0
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
SSCD_STP_CRTL
(SRC1)
If set, SSCD (SRC1) stops with PCI_STOP#
RW
0
0
SRC_STP_CRTL
If set, SRCs (except SRC1) stop with PCI_STOP#
RW
0
Byte 7 Vendor ID/ Revision ID
Bit
Pin
Name
Description
Type
Default
7
Rev Code Bit 3
R
X
6
Rev Code Bit 2
R
X
5
Rev Code Bit 1
R
X
4
Rev Code Bit 0
R
X
3
Vendor ID bit 3
R
0
2
Vendor ID bit 2
R
0
1
Vendor ID bit 1
R
0
0
Vendor ID bit 0
R
1
Byte 8 Device ID and Output Enable Register
Bit
Pin
Name
Description
Type
Default
7
Device_ID3
R
0
6
Device_ID2
R
0
5
Device_ID1
R
0
4
Device_ID0
R
0
3
Reserved
Reserved
RW
0
2
Reserved
Reserved
RW
0
1
SE1_OE
Output enable for SE1
RW
0
0
SE2_OE
Output enable for SE2
RW
0
Byte 9 Output Control Register
Bit
Pin
Name
Description
Type
Default
7
PCIF5 STOP EN
Allows control of PCIF5 with assertion of PCI_STOP#
RW
0
6
TME_Readback
Truested Mode Enable (TME) strap status
R
0
5
Reserved
Reserved
RW
1
4
Test Mode Select
Allows test select, ignores REF/FSC/TestSel
RW
0
3
Test Mode Entry
Allows entry into test mode, ignores FSB/TestMode
RW
0
2
IO_VOUT2
IO Output Voltage Select (Most Significant Bit)
RW
1
1
IO_VOUT1
IO Output Voltage Select
RW
0
0
IO_VOUT0
IO Output Voltage Select (Least Significant Bit)
RW
1
01
See Table 3: V_IO Selection
(Default is 0.8V)
Test mode
Free running
normal operation
Outputs HI-Z
-
Stops with PCI_STOP#
assertion
no overclocking
-
Outputs = REF/N
Enable CR#_E
1
01
Enable CR#_H
Enable CR#_G
Enable CR#_F
Stops with PCI_STOP#
assertion
Free Running
Stops with PCI_STOP#
assertion
Disable CR#_H
Free Running
0
Disable CR#_E
Disable CR#_F
Disable CR#_G
Disable CR#_D
CR#_D -> SRC1
Enable CR#_A
CR#_A -> SRC2
Enable CR#_B
CR#_B -> SRC4
Enable CR#_C
CR#_C -> SRC2
Enable CR#_D
CR#_D -> SRC4
Disable CR#_B
CR#_B -> SRC1
Disable CR#_C
CR#_C -> SRC0
Disable CR#_A
CR#_A -> SRC0
01
Table of Device identifier codes, used for
differentiating between CK505 package options, etc.
See Device ID Table
-
-
Disabled
-
-
Revision ID
Vendor specific
01
Vendor ID
ICS is 0001, binary
Enabled
Enabled
Normal operation
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com